Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNQ6040STR-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VNQ6040STR-E
Description  Quad channel high-side driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ6040STR-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VNQ6040STR-E Datasheet HTML 17Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 18Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 19Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 20Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 21Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 22Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 23Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 24Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
DocID18061 Rev 11
21/73
VNQ6040S-E
Functional description
72
case temperature drops below the case temperature reset threshold TCR. The typical value
of TCSD can be set using the bits CTDTH1 and CTDTH0 inside the CTLR register (see
Chapter 3.3.1).
2.2.3
Protections
Junction over temperature
If the junction temperature of one channel rises above the shutdown temperature TTSD, an
over temperature event (OT) is detected. The channel is switched OFF and the
corresponding bit in the over temperature status register OTFLTR (address 30h) is set.
Consequently, the thermal shutdown bit (bit 4) in the Global Status Byte and the Global Error
Flag are set.
Each output channel can be either set in Autorestart or Latched OFF operation in case of
junction over temperature event by setting the corresponding ASDTCR register bit (address
08h).
In Autorestart operation, the output is switched off as described and switches on again
automatically when the junction temperature falls below the reset temperature TR. The
status bit is latched during OFF-state of the channel in order to allow asynchronous
diagnostic and it is automatically cleared when the junction temperature falls below the
thermal reset temperature of OT detection TRS.
In Latched OFF operation, the output remains switched OFF until the junction temperature
falls below TRS and a read and clear command is sent.
Power limitation
If the difference between junction temperature and case temperature (
ΔT = Tj - Tc) rises
above the power limitation threshold
ΔTPLIM, a power limitation event is detected. The
corresponding bit in the power limitation status register PWLMFLTR (address 33h) is set
and the channel is switched OFF. Consequently, the power limitation bit (bit 4) in the Global
Status Byte and the Global Error Flag are set.
Each output channel can be either set in Autorestart or Latched OFF operation in case of
power limitation event by setting the corresponding ASDTCR register bit (address 08h).
In Autorestart operation, the output is switched off as described and switches on again
automatically when
ΔT falls below the reset threshold ΔTPLIMreset. The status bit is latched
during OFF-state of the channel in order to allow asynchronous diagnostic and it is
automatically cleared in ON-state when the power limitation event is removed.
In Latched OFF operation, the output remains switched OFF until
ΔT falls below the reset
threshold
ΔTPLIMreset and a read and clear command is sent.
Each time a channel is switched on via the corresponding bit in SOCR, power limitation
events and the relevant diagnostic indication in the PWLMFLTR register are masked for a
blanking time tblanking. The blanking time does not account for an overtemperature event,
i.e. the outputs are switched OFF and the relevant bits in OTFLTR are set even during the
blanking time, or for an over load event.
The blanking filter is only active, if the channel is turned on through SOCR. There are,
however, additional conditions which cause the output to switch from OFF to steady ON-
state or to PWM output which do not activate the blanking filter. Refer to Table 6 for more
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com