Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNQ6040STR-E Datasheet(PDF) 32 Page - STMicroelectronics

Part # VNQ6040STR-E
Description  Quad channel high-side driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ6040STR-E Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VNQ6040STR-E Datasheet HTML 28Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 29Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 30Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 31Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 32Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 33Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 34Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 35Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
SPI functional description
VNQ6040S-E
32/73
DocID18061 Rev 11
Figure 15. SPI read device information
3.3
Address mapping
Table 17. RAM memory map
Address
Name
Access
Content
Control registers
00h
CTRL
Read/write
Device enable, standby, current sense
01h
SOCR
Read/write
SPI Output Control Register
02h
DIENCR
Read/write
Direct Input Enable Control Register
03h
CSMUXCR
Read/write
Current Sense Multiplexer Control Register
04h
CSRATCR
Read/write
Current Sense Ratio Control Register
05h
PWMCR
Read/write
PWM Mode Control Register
06h
OLONCR
Read/write
Open-load ON-state Control Register
07h
OLOFFCR
Read/write
Open-load OFF-state Control Register
08h
ASDTCR
Read/write
Automatic Shutdown Control Register
09h
CCR
Read/write
Channel Control Register
0Ah-0Fh
not used
10h
DUTYC0CR
Read/write
Duty Cycle Control Register 0
11h
DUTYC1CR
Read/write
Duty Cycle Control Register 2
12h
DUTYC2CR
Read/write
Duty Cycle Control Register 2
13h
DUTYC3CR
Read/write
Duty Cycle Control Register 3
14h-17h
not used
18h
PHASE0CR
Read/write
Phase Control Register 0
19h
PHASE1CR
Read/write
Phase Control Register 1
1Ah
PHASE2CR
Read/write
Phase Control Register 2
1Bh
PHASE3CR
Read/write
Phase Control Register 3
1Ch-2Dh
not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com