Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNQ6040STR-E Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNQ6040STR-E
Description  Quad channel high-side driver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ6040STR-E Datasheet(HTML) 3 Page - STMicroelectronics

  VNQ6040STR-E Datasheet HTML 1Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 2Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 3Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 4Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 5Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 6Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 7Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 8Page - STMicroelectronics VNQ6040STR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
DocID18061 Rev 11
3/73
VNQ6040S-E
Contents
4
3.3.4
Address 03h - Current Sense Multiplexer Control Register (CSMUXCR)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
3.3.5
Address 04h - Current Sense Ratio Control Register (CSRATCR) . . . . 36
3.3.6
Address 05h - PWM Mode Control Register (PWMCR) . . . . . . . . . . . . 36
3.3.7
Address 06h - Open-load ON-State Control Register (OLONCR) . . . . . 37
3.3.8
Address 07h - Open-load OFF-State Control Register (OLOFFCR) . . . 37
3.3.9
Address 08h - Automatic Shutdown Control Register (ASDTCR) . . . . . 37
3.3.10
Address 09h - Channel Control Register (CCR) . . . . . . . . . . . . . . . . . . 38
3.3.11
Address 10h - 13h - Duty Cycle Control Register (DUTYXCR) . . . . . . . 38
3.3.12
Address 18h - 1Ah - Phase Control Register (PHASEXCR) . . . . . . . . . 39
3.3.13
Address 2Eh - Channel Read Back Status Register (CHDRVR) . . . . . . 39
3.3.14
Address 2Fh - General Status Register (GENSTR) . . . . . . . . . . . . . . . . 40
3.3.15
Address 30h - Over Temperature Status Register (OTFLTR) . . . . . . . . 40
3.3.16
Address 31h - Open-Load ON-State Status Register (OLFLTR) . . . . . . 41
3.3.17
Address 32h - Open-Load OFF-State / Stuck to VCC Status Register
(STKFLTR) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
3.3.18
Address 33h - Power Limitation Status Register (PWLMFLTR) . . . . . . . 42
3.3.19
Address 34h - Over Load Status Register (OVLFLTR) . . . . . . . . . . . . . 43
3.3.20
Minimum duty cycle vs frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
3.3.21
Address 3Eh - Test Register (TEST) . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.3.22
Address 3Fh - Configuration Register (GLOBCTR) . . . . . . . . . . . . . . . . 45
4
Electrical specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
4.1
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
4.2
Thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
4.3
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
4.3.1
SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
4.3.2
BULB mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
4.3.3
LED mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 54
4.4
Maximum demagnetization energy (VCC = 13.5 V) . . . . . . . . . . . . . . . . . 62
5
Package and PCB thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
5.1
PowerSSO-36 thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63
6
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
6.1
ECOPACK® package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
6.2
PowerSSO-36™ mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com