Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83867IRPAPR Datasheet(PDF) 44 Page - Texas Instruments

Part # DP83867IRPAPR
Description  DP83867IR/CR Robust, High Immunity 10/100/1000 Ethernet Physical Layer Transceiver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867IRPAPR Datasheet(HTML) 44 Page - Texas Instruments

Back Button DP83867IRPAPR Datasheet HTML 40Page - Texas Instruments DP83867IRPAPR Datasheet HTML 41Page - Texas Instruments DP83867IRPAPR Datasheet HTML 42Page - Texas Instruments DP83867IRPAPR Datasheet HTML 43Page - Texas Instruments DP83867IRPAPR Datasheet HTML 44Page - Texas Instruments DP83867IRPAPR Datasheet HTML 45Page - Texas Instruments DP83867IRPAPR Datasheet HTML 46Page - Texas Instruments DP83867IRPAPR Datasheet HTML 47Page - Texas Instruments DP83867IRPAPR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 139 page
background image
7.5 Programming
7.5.1 Strap Configuration
The DP83867 uses many of the functional pins as strap options to place the device into specific modes
of operation. The values of these pins are sampled at power up or hard reset. During software resets, the
strap options are internally reloaded from the values sampled at power up or hard reset. The strap option pin
assignments are defined below. The functional pin name is indicated in parentheses.
The strap pins supported are 4-level straps, which are described in greater detail below.
Note
Because strap pins can have alternate functions after reset is deasserted, the pins can not be
connected directly to VDD or GND.
Configuration of the device can be done through the 4-level strap pins or through the management register
interface. A pullup resistor and a pulldown resistor of suggested values can be used to set the voltage ratio of
the 4-level strap pin input and the supply to select one of the possible selected modes.
The MAC interface pins must support I/O voltages of 3.3V, 2.5V, and 1.8V. As the strap inputs are implemented
on these pins, the straps must also support operation at 3.3V, 2.5V, and 1.8V supplies.
For more information about configuring 4-level straps, see the Configuring Ethernet Devices with 4-Level Straps
application report (SNLA258).
Rhi
Rlo
9k
±25%
VDDIO
V
STRAP
DP83867
Figure 7-12. Strap Circuit
Table 7-4. 4-Level Strap Resistor Ratios
MODE
TARGET VOLTAGE
Recommended Rhi (kΩ)
Recommended Rlo (kΩ)
Vmin (V)
Vtyp (V)
Vmax (V)
1
0
0
0.098 × VDDIO
OPEN
OPEN
2
0.140 × VDDIO
0.165 × VDDIO
0.191 × VDDIO
10
2.49
3
0.225 × VDDIO
0.255 × VDDIO
0.284 × VDDIO
5.76
2.49
4
0.694 × VDDIO
0.783 × VDDIO
0.888 × VDDIO
2.49
OPEN
All straps have a 9kΩ ±25% internal pulldown resistor. The voltage at strap pins can be between the Vmin and
Vmax mentioned in the Target Voltage column in Table 7-4. Strap resistors with 1% tolerance are recommended.
DP83867IR, DP83867CR
SNLS484I – FEBRUARY 2015 – REVISED JANUARY 2025
www.ti.com
44
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DP83867IR DP83867CR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com