Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83867IRPAPR Datasheet(PDF) 49 Page - Texas Instruments

Part # DP83867IRPAPR
Description  DP83867IR/CR Robust, High Immunity 10/100/1000 Ethernet Physical Layer Transceiver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DP83867IRPAPR Datasheet(HTML) 49 Page - Texas Instruments

Back Button DP83867IRPAPR Datasheet HTML 45Page - Texas Instruments DP83867IRPAPR Datasheet HTML 46Page - Texas Instruments DP83867IRPAPR Datasheet HTML 47Page - Texas Instruments DP83867IRPAPR Datasheet HTML 48Page - Texas Instruments DP83867IRPAPR Datasheet HTML 49Page - Texas Instruments DP83867IRPAPR Datasheet HTML 50Page - Texas Instruments DP83867IRPAPR Datasheet HTML 51Page - Texas Instruments DP83867IRPAPR Datasheet HTML 52Page - Texas Instruments DP83867IRPAPR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 139 page
background image
For further detail relating to the latch-in timing requirements of the PHY Address pins, as well as the other
hardware configuration pins, refer to Section 7.5.5.
Based on the default strap configuration of PHY_ADD[4:0], the DP83867 PHY address initializes to 0x00 without
any external strap configuration.
Refer to Figure 7-15 for an example of a PHY address connection to external components. In this example, the
pins are configured as follows: RX_D4 = Strap Mode 4, RX_D2 = Strap Mode 3, and RX_D0 = Strap Mode 2.
Therefore, the PHY address strapping results in address 11001 (19h).
10 k
2.49 k
VDDIO
RX_D0
5.76 k
2.49 k
VDDIO
RX_D2
2.49 k
RX_D4
VDDIO
Figure 7-15. IRPAP PHY Address Strapping Example
Refer to Figure 7-16 for an example of a PHY address connection to external components. In this example, the
pins are configured as follows: RX_D2 = Strap Mode 3 and RX_D0 = Strap Mode 2. Therefore, the PHY address
strapping results in address 1001 (09h).
www.ti.com
DP83867IR, DP83867CR
SNLS484I – FEBRUARY 2015 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: DP83867IR DP83867CR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com