Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7381 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7381
Description  4 x 25 W quad bridge car radio amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7381 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7381 Datasheet HTML 3Page - STMicroelectronics TDA7381 Datasheet HTML 4Page - STMicroelectronics TDA7381 Datasheet HTML 5Page - STMicroelectronics TDA7381 Datasheet HTML 6Page - STMicroelectronics TDA7381 Datasheet HTML 7Page - STMicroelectronics TDA7381 Datasheet HTML 8Page - STMicroelectronics TDA7381 Datasheet HTML 9Page - STMicroelectronics TDA7381 Datasheet HTML 10Page - STMicroelectronics TDA7381 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
TDA7381
Electrical specifications
Doc ID 4947 Rev 8
7/15
Figure 3.
Standard test and application circuit
THD
Distortion
Po = 4 W
-
0.04
0.3
%
eNo
Output noise
"A" Weighted
-
50
-
V
Bw = 20 Hz to 20 kHz
-
65
150
V
SVR
Supply voltage rejection
f = 100 Hz
50
65
-
dB
fcl
Low cut-off frequency
-
-
20
-
Hz
fch
High cut-off frequency
-
75
-
-
KHz
Ri
Input impedance
-
70
100
-
K
CT
Cross talk
f = 1KHz
50
70
-
dB
ISB
St-by current consumption
St-by = LOW
-
-
100
A
VSB out
St-by out threshold voltage
(Amp: ON)
3.5
-
-
V
VSB IN
St-by in threshold voltage
(Amp: OFF)
-
-
1.5
V
AM
Mute attenuation
VO = 1 Vrms
80
90
-
dB
VM out
Mute out threshold voltage
(Amp: play)
3.5
-
-
V
VM in
Mute in threshold voltage
(Amp: mute)
-
-
1.5
V
Im (L)
Muting pin current
VMUTE = 1.5 V; (source current)
5
10
16
A
ICDOFF
Clipping detector "OFF"
output average current
THD = 1 % (2)
-
100
-
A
ICDON
Clipping Detector "ON"
Output Average Current
THD = 10 % (2)
100
240
350
A
1.
Saturated square wave output.
2.
Diagnostics output pulled-up to 5 V with 10 k
 series resistor.
Table 4.
Electrical characteristcs (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com