Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7381 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7381
Description  4 x 25 W quad bridge car radio amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7381 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7381 Datasheet HTML 5Page - STMicroelectronics TDA7381 Datasheet HTML 6Page - STMicroelectronics TDA7381 Datasheet HTML 7Page - STMicroelectronics TDA7381 Datasheet HTML 8Page - STMicroelectronics TDA7381 Datasheet HTML 9Page - STMicroelectronics TDA7381 Datasheet HTML 10Page - STMicroelectronics TDA7381 Datasheet HTML 11Page - STMicroelectronics TDA7381 Datasheet HTML 12Page - STMicroelectronics TDA7381 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TDA7381
Application hints
Doc ID 4947 Rev 8
9/15
3
Application hints
3.1
Biasing and SVR
As shown by Figure 6, all the TDA7381’s main sections, such as Inputs, Outputs and AC-
GND (pin 16) are internally biased at half supply voltage level (Vs/2), which is derived from
the supply voltage rejection (SVR) block. In this way no current flows through the internal
feedback network.
The AC-GND is common to all the 4 amplifiers and represents the connection point of all the
inverting inputs. Both individual inputs and AC-GND are connected to Vs/2 (SVR) by means
of 100 k
 resistors.
To ensure proper operation and high supply voltage rejection, it is of fundamental
importance to provide a good impedance matching between INPUTS and AC-GROUND
terminations.
This implies that C1, C2, C3, C4, C5 capacitors have to carry the same nominal value and
their tolerance should never exceed ±10 %.
Besides its contribution to the ripple rejection, the SVR capacitor governs the turn ON/OFF
time sequence and, consequently, plays an essential role in the pop optimization during
ON/OFF transients. To conveniently serve both needs, its minimum recommended value
is 10
F.
3.2
Input stage
The TDA7381’s inputs are ground-compatible and can stand very high input signals
(± 8 Vpk) without any performances degradation. If the standard value for the input
capacitors (0.1
F) is adopted, the low frequency cut-off will amount to 16 Hz.
3.3
Standby and muting
Standby and muting facilities are both CMOS-compatible. If unused, a straight connection to
Vs of their respective pins would be admissible.
Conventional low-power transistors can be employed to drive muting and standby pins in
absence of true CMOS ports or microprocessors. R-C cells have always to be used in order
to smooth down the transitions for preventing any audible transient noises. Since a DC
current of about 10
A normally flows out of pin 22, the maximum allowable muting-series
resistance (R2) is 70 k, which is sufficiently high to permit a muting capacitor reasonably
small (about 1
F). If R
2 is higher than recommended, the involved risk will be that the
voltage at pin 22 may rise to above the 1.5 V threshold voltage and the device will
consequently fail to turn OFF when the mute line is brought down.
About the standby, the time constant to be assigned in order to obtain a virtually pop-free
transition has to be slower than 2.5 V/ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com