Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7381 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7381
Description  4 x 25 W quad bridge car radio amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7381 Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7381 Datasheet HTML 1Page - STMicroelectronics TDA7381 Datasheet HTML 2Page - STMicroelectronics TDA7381 Datasheet HTML 3Page - STMicroelectronics TDA7381 Datasheet HTML 4Page - STMicroelectronics TDA7381 Datasheet HTML 5Page - STMicroelectronics TDA7381 Datasheet HTML 6Page - STMicroelectronics TDA7381 Datasheet HTML 7Page - STMicroelectronics TDA7381 Datasheet HTML 8Page - STMicroelectronics TDA7381 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This is information on a product in full production.
September 2013
Doc ID 4947 Rev 8
1/15
1
TDA7381
4 x 25 W quad bridge car radio amplifier
Datasheet
 production data
Features
■ High output power capability:
–4 x 30 W/4
 max.
–4 x 25 W/4
 EIAJ
–4 x 18 W/4
 @ 14.4 V, 1 kHz, 10 %
–4 x 15 W/4
 @ 13.2 V, 1 kHz, 10 %
■ Clipping detector
■ Low distortion
■ Low output noise
■ Standby function
■ Mute function
■ Automute at min. supply voltage detection
■ Diagnostics facility for:
– Clipping
– Out to GND short
– Out to VS short
– Thermal shutdown
■ Low external component count:
– Internally fixed gain (26 dB)
– No external compensation
– No bootstrap capacitors
■ Protections:
– Output short circuit to GND, to VS, across
the load
– Very inductive loads
– Overrating chip temperature with soft
thermal limiter
– Load dump voltage
– Fortuitous open GND
– Reversed battery
– ESD protection
Description
The TDA7381 is a class AB audio power amplifier
in Flexiwatt25 package designed for car radio
applications. Thanks to the fully complementary
PNP/NPN output configuration the TDA7381
allows a rail to rail output voltage swing with no
need of bootstrap capacitors..
The extremely reduced components count allows
very compact sets. The on-board clipping
detector simplifies gain compression operations.
The fault diagnostics makes it possible to detect
mistakes during car-radio assembly and wiring in
the car.
Flexiwatt25
Table 1.
Device summary
Order code
Package
Packing
TDA7381
Flexiwatt25
Tube
www.st.com


Similar Part No. - TDA7381

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7381 STMICROELECTRONICS-TDA7381 Datasheet
294Kb / 10P
4 x 25W QUAD BRIDGE CAR RADIO AMPLIFIER
Oct-1999
TDA7381 STMICROELECTRONICS-TDA7381 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
More results

Similar Description - TDA7381

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8567Q PHILIPS-TDA8567Q Datasheet
257Kb / 20P
4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8568Q PHILIPS-TDA8568Q Datasheet
256Kb / 20P
4 x 25 W BTL quad car radio power amplifier
1998 Sep 23
TDA8569Q PHILIPS-TDA8569Q Datasheet
288Kb / 20P
4 x 25 W BTL quad car radio power amplifier
1997 Mar 27
logo
STMicroelectronics
TDA7388A STMICROELECTRONICS-TDA7388A Datasheet
213Kb / 13P
4 x 42W quad bridge car radio amplifier
06-Dec-2007
TDA7381 STMICROELECTRONICS-TDA7381_08 Datasheet
227Kb / 13P
4 x 25W quad bridge car radio amplifier
27-Jun-2008
TDA7560A STMICROELECTRONICS-TDA7560A Datasheet
207Kb / 15P
4 x 45 W quad bridge car radio amplifier
07-Nov-2008
logo
Shenzhenshi YONGFUKANG ...
TDA7388 YONGFUKANG-TDA7388 Datasheet
232Kb / 9P
4 X 41W QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
4 x 41 W quad bridge car radio amplifier
18-Sep-2013
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com