Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7391LVPDUTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7391LVPDUTR
Description  40 W bridge car radio amplifier with low voltage operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7391LVPDUTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7391LVPDUTR Datasheet HTML 12Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 13Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 14Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 15Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 16Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 17Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 18Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 19Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Package information
TDA7391LV
16/23
DocID023014 Rev 3
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
4.1
Multiwatt 11 (vertical) package mechanical data
Figure 27. Multiwatt 11 (vertical) package mechanical drawing
Table 6. Multiwatt 11 (vertical) package mechanical data
Symbol
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
5
0.1969
B
2.65
0.1043
C
1.6
0.063
D
1
0.0394



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com