Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7391LVPDUTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7391LVPDUTR
Description  40 W bridge car radio amplifier with low voltage operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7391LVPDUTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7391LVPDUTR Datasheet HTML 13Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 14Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 15Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 16Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 17Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 18Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 19Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 20Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
DocID023014 Rev 3
17/23
TDA7391LV
Package information
22
E
0.49
0.55
0.0193
0.0217
F
0.88
0.95
0.0346
0.0374
G
1.45
1.7
1.95
0.0571
0.0669
0.0768
G1
16.75
17
17.25
0.6594
0.6693
0.6791
H1
19.6
0.7717
H2
20.2
0.7953
L
21.9
22.2
22.5
0.8622
0.874
0.8858
L1
21.7
22.1
22.5
0.8543
0.8701
0.8858
L2
17.4
18.1
0.685
0.7126
L3
17.25
17.5
17.75
0.6791
0.689
0.6988
L4
10.3
10.7
10.9
0.4055
0.4213
0.4291
L7
2.65
2.9
0.1043
0.1142
M
4.25
4.55
4.85
0.1673
0.1791
0.1909
M1
4.73
5.08
5.43
0.1862
0.2
0.2138
S
1.9
2.6
0.0748
0.1024
S1
1.9
2.6
0.0748
0.1024
Diam.1
3.65
3.85
0.1437
0.1516
Table 6. Multiwatt 11 (vertical) package mechanical data (continued)
Symbol
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com