Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PH-4BA-173 Datasheet(PDF) 3 Page - rfsolutions.ltd

Part # PH-4BA-173
Description  Antenna
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

PH-4BA-173 Datasheet(HTML) 3 Page - rfsolutions.ltd

  PH-4BA-173 Datasheet HTML 1Page - rfsolutions.ltd PH-4BA-173 Datasheet HTML 2Page - rfsolutions.ltd PH-4BA-173 Datasheet HTML 3Page - rfsolutions.ltd PH-4BA-173 Datasheet HTML 4Page - rfsolutions.ltd PH-4BA-173 Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS039-10
Sept ‘05
©2005 REG No 277 4001, ENGLAND.
Page 3
Antenna
¼ Wave Whip Antenna Dimensions (mm)
M4
4BA
BNC
BNC 90°
Length
Dia
Length
Dia
Dia
Length
Dia
Length
315MHz
*
*
231
18
13
250
433MHz
162.5
13
160.5
17
13
172
*
*
458MHz
-
-
-
16
-
164
868MHz
97
13
-
17.5
-
81
916MHz
-
-
83
-
13
-
Helical / Compressed Helical / Gain Antenna Dimensions (mm)
Helical M4
Helical 4BA
Helical BNC
Comp. Helical
M4
Gain
Length
Dia
Length
Dia
Length
Dia
Length
Dia
Length
Dia
173MHz
-
-
*
*
-
-
-
-
*
*
315MHz
-
-
72
13
105
17
-
-
*
*
433MHz
55
14
55.5
13
84
17
35
14
490
14
458MHz
-
-
-
-
81
17
-
-
-
-
868MHz
-
-
-
-
-
-
-
-
-
-
916MHz
-
-
83
13
*
*
-
-
-
-
Puk / Dipole Antenna Dimensions (mm)
Puk
Dipole
Height
Dia
Cable Length
Length
Width
Height
Cable Length
433MHz
52
47
500
900/1800 MHz
112
60
10
175
GPS Antenna Dimensions (mm)
GPS - SMA / HFL
GPS - MMCX
Height
Dia
Cable Length
Height
Dia
Cable Length
1575 MHz
10
56
5000
14.5
49
5000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com