Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PH-4BA-173 Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # PH-4BA-173
Description  Antenna
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

PH-4BA-173 Datasheet(HTML) 4 Page - rfsolutions.ltd

  PH-4BA-173 Datasheet HTML 1Page - rfsolutions.ltd PH-4BA-173 Datasheet HTML 2Page - rfsolutions.ltd PH-4BA-173 Datasheet HTML 3Page - rfsolutions.ltd PH-4BA-173 Datasheet HTML 4Page - rfsolutions.ltd PH-4BA-173 Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DS039-10
Sept ‘05
©2005 REG No 277 4001, ENGLAND.
Page 4
Antenna
Part Numbers
1/
4 Wave Whip
Fixing
315MHz
433MHz
458MHz
868MHz
915Hz
M4
-
FLEXI-M4-433
-
FLEXI-M4-868
-
4BA
FLEXI-4BA-315
FLEXI-4BA-433
-
-
FLEXI-4BA-916
BNC
-
FLEXI-BNC-433
FLEXI-BNC-458
FLEXI-BNC-868
-
BNC 90°
FLEXI-BNC90-
433
-
Helical
Fixing
173MHz
315MHz
433MHz
458MHz
915Hz
M4
-
-
PU-M4-433
-
-
4BA
PH-4BA-173
PU-4BA-315
PU-4BA-433
-
PU-4BA-916
BNC
-
PU-BNC-315
PU-BNC-433
PU-BNC-458
-
Compressed Helical
Fixing
173MHz
433MHz
458MHz
868MHz
915Hz
M4
-
PHC-M4-433
-
-
-
Gain Antenna
Fixing
173MHz
433MHz
458MHz
868MHz
915Hz
Mag Mount
SR150M/TS
-
-
-
-
Wall Mounting
Bracket (incl)
-
MB450-RFS433
-
-
-
YAGI
-
-
YU8-458
-
-
Puk / Dipole / GPS Antenna
Fixing
433MHz
900/1800 MHz
1575.42 MHz
BNC
ANTPUK1-433
-
-
SMA
ANTPUK1-433-SMA
ANTGSM-ADH-RASMA
GPSANT1
HFL
-
-
GPSANT1
MMCX
-
-
GPSANT-MMCX



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com