Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PH-4BA-173 Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # PH-4BA-173
Description  Antenna
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

PH-4BA-173 Datasheet(HTML) 5 Page - rfsolutions.ltd

  PH-4BA-173 Datasheet HTML 1Page - rfsolutions.ltd PH-4BA-173 Datasheet HTML 2Page - rfsolutions.ltd PH-4BA-173 Datasheet HTML 3Page - rfsolutions.ltd PH-4BA-173 Datasheet HTML 4Page - rfsolutions.ltd PH-4BA-173 Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DS039-10
Sept ‘05
©2005 REG No 277 4001, ENGLAND.
Page 5
Antenna
SCTM4RA
The SCRTM4RA is a PCB mounting terminal providing a simple method of attaching a low cost 4mm Screw
thread antenna to a PCB.
PCB Layout
7.5
5
φ2DIA
A
A = 5,1mm excluding screw head, this also depends on how far the screw
terminal is from the outside surface of the box its fitted into.
All dimensions in mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com