Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC563M60X Datasheet(PDF) 88 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 88 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 84Page - STMicroelectronics SPC563M60X Datasheet HTML 85Page - STMicroelectronics SPC563M60X Datasheet HTML 86Page - STMicroelectronics SPC563M60X Datasheet HTML 87Page - STMicroelectronics SPC563M60X Datasheet HTML 88Page - STMicroelectronics SPC563M60X Datasheet HTML 89Page - STMicroelectronics SPC563M60X Datasheet HTML 90Page - STMicroelectronics SPC563M60X Datasheet HTML 91Page - STMicroelectronics SPC563M60X Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 128 page
background image
Electrical characteristics
SPC563M64x, SPC563M60x
88/128
DocID14642 Rev 12
4.9.1
I/O pad VRC33 current specifications
The power consumption of the VRC33 supply is dependent on the usage of the pins on all
I/O segments. The power consumption is the sum of all output pin VRC33 currents for all I/O
segments. The output pin VRC33 current can be calculated from Table 25 based on the
voltage, frequency, and load on all medium, slow, and multv_hv pins. The output pin VRC33
current can be calculated from Table 26 based on the voltage, frequency, and load on all
fast pins. Use linear scaling to calculate pin currents for voltage, frequency, and load
parameters that fall outside the values given in Table 25 and Table 26.
MultiV
(High
Swing
Mode)
IDRV_MULTV_HV
CC
D
15
50
5.25
11
21.2(4)
—
CC
D
30
50
5.25
10
—(5)
—
CC
D
50
50
5.25
01
6.2(4)
—
CC
D
300
50
5.25
00
1.1(4)
—
CC
D
300
200
5.25
00
4.0(4)
—
MultiV
(Low
Swing
Mode)
IDRV_MULTV_HV
CC
D
15
30
5.25
11
20.2(6)
—
CC
D
30
30
5.25
11
NA
—
1.
Numbers from simulations at best case process, 150 °C.
2.
All loads are lumped.
3.
Average current is for pad configured as output only.
4.
Ratio from 5.5 V pad spec to 5.25 V data sheet.
5.
Not specified.
6.
Low swing mode is not a strong function of VDDE.
Table 24. I/O pad average IDDE specifications
(1) (continued)
Pad Type
Symbol
C
Period
(ns)
Load(2)
(pF)
VDDE
(V)
Drive/Slew
Rate Select
IDDE Avg
(mA)(3)
IDDE RMS
(mA)
Table 25. I/O pad VRC33 average IDDE specifications
(1)
Pad Type
Symbol
C
Period
(ns)
Load(2)
(pF)
Slew Rate
Select
IDD33 Avg
(µA)
IDD33 RMS
(µA)
Slow
IDRV_SSR_HV
CC
D
100
50
11
0.8
235.7
CC
D
200
50
01
0.04
87.4
CC
D
800
50
00
0.06
47.4
CC
D
800
200
00
0.009
47
Medium
IDRV_MSR_HV
CC
D
40
50
11
2.75
258
CC
D
100
50
01
0.11
76.5
CC
D
500
50
00
0.02
56.2
CC
D
500
200
00
0.01
56.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com