Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC563M60X Datasheet(PDF) 38 Page - STMicroelectronics

Part # SPC563M60X
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M60X Datasheet(HTML) 38 Page - STMicroelectronics

Back Button SPC563M60X Datasheet HTML 34Page - STMicroelectronics SPC563M60X Datasheet HTML 35Page - STMicroelectronics SPC563M60X Datasheet HTML 36Page - STMicroelectronics SPC563M60X Datasheet HTML 37Page - STMicroelectronics SPC563M60X Datasheet HTML 38Page - STMicroelectronics SPC563M60X Datasheet HTML 39Page - STMicroelectronics SPC563M60X Datasheet HTML 40Page - STMicroelectronics SPC563M60X Datasheet HTML 41Page - STMicroelectronics SPC563M60X Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 128 page
background image
Overview
SPC563M64x, SPC563M60x
38/128
DocID14642 Rev 12
Note:
This feature is imprecise due to CPU pipelining.
–
Subset of Power Architecture software debug facilities with OnCE block (Nexus
class 1 features)
eTPU development support features
–
IEEE-ISTO 5001-2003 standard class 1 compliant for the eTPU
–
Nexus based breakpoint configuration and single step support (JTAG feature of
the eTPU)
Run-time access to the on-chip memory map via the Nexus read/write access protocol.
This feature supports accesses for run-time internal visibility, calibration variable
acquisition, calibration constant tuning, and external rapid prototyping for powertrain
automotive development systems.
All features are independently configurable and controllable via the IEEE 1149.1 I/O
port
Power-on-reset status indication during reset via MDO[0] in disabled and reset modes
2.3.20.2
JTAG
The JTAGC (JTAG Controller) block provides the means to test chip functionality and
connectivity while remaining transparent to system logic when not in test mode. Testing is
performed via a boundary scan technique, as defined in the IEEE 1149.1-2001 standard. All
data input to and output from the JTAGC block is communicated in serial format. The
JTAGC block is compliant with the IEEE 1149.1-2001 standard and supports the following
features:
IEEE 1149.1-2001 Test Access Port (TAP) interface 4 pins (TDI, TMS, TCK, and TDO)
A 5-bit instruction register that supports the following IEEE 1149.1-2001 defined
instructions:
–
BYPASS, IDCODE, EXTEST, SAMPLE, SAMPLE/PRELOAD, HIGHZ, CLAMP
A 5-bit instruction register that supports the additional following public instructions:
–
ACCESS_AUX_TAP_NPC
–
ACCESS_AUX_TAP_ONCE
–
ACCESS_AUX_TAP_eTPU
–
ACCESS_CENSOR
3 test data registers to support JTAG Boundary Scan mode
–
Bypass register
–
Boundary scan register
–
Device identification register
A TAP controller state machine that controls the operation of the data registers,
instruction register and associated circuitry
Censorship Inhibit Register
–
64-bit Censorship password register
–
If the external tool writes a 64-bit password that matches the Serial Boot password
stored in the internal flash shadow row, Censorship is disabled until the next
system reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com