| Electronic Components Datasheet Search |
|
SPC574KX Datasheet(PDF) 85 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC574KX Datasheet(HTML) 85 Page - STMicroelectronics |
|
85 / 160 page ![]() DocID023601 Rev 6 85/160 SPC574Kx Electrical characteristics 159 During power-up, all functional terminals are maintained in a known state as described in the following table. 3.18 Flash memory electrical characteristics Table 45 shows the estimated Program/Erase characteristics. 3. ADC performance is not guaranteed when ALTREFn, and VDD_HV_ADR supplies are above VDD_HV_IO/VDD_HV_ADV. Table 44. Functional terminals state during power-up and reset TERMINAL type(1) POWER-UP(2) pad state RESET pad state DEFAULT pad state (3) Comments PORST Strong pull- down(4) Weak pull-down Weak pull-down Power-on reset pad ESR0(5) Strong pull-down Strong pull-down Weak pull-up Functional reset pad ESR1 Weak pull-up Weak pull-up Weak pull-up — TEST_MODE Weak pull-down Weak pull-down(6) Weak pull-down(6) — GPIO Weak pull-up(4) Weak pull-up Weak pull-up — ANALOG High impedance High impedance High impedance — ERROR[0] High impedance High impedance High impedance During functional reset, pad state can be overridden by FCCU TRST High impedance Weak pull-down Weak pull-down — TCK High impedance Weak pull-down Weak pull-down — TMS Weak pull-up Weak pull-up Weak pull-up — TDI Weak pull-up Weak pull-up Weak pull-up — TDO High impedance High impedance High impedance — 1. Refer to pinout information for terminal type. 2. POWER-UP state is guaranteed from VDD_HV_IO >VDD_POR and maintained until supply crosses the power-on reset thresholds VPORUP_LV for LV supply and VPORUP_HV for high voltage supply. 3. Before software configuration. 4. Pull-down and pull-up strengths are provided in Table 19 (I/O pull-up/pull-down DC electrical characteristics) 5. Unlike ESR0, ESR1 is provided as a normal GPIO and implements weak pull-up during power-up. 6. An internal pull-down is implemented on the TESTMODE pin to prevent the device from entering test mode if the package TESTMODE pin is not connected. It is recommended to connect the TESTMODE pin to VSS_HV_IO on the board for maximum robustness, but not required. The value of TESTMODE is latched at the negation of reset and has no affect afterward. The device will not exit functional reset with the TESTMODE pin asserted during power-up. The TESTMODE pin can be connected externally directly to ground without any other components. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |