| Electronic Components Datasheet Search |
|
SPC574KX Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC574KX Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 160 page ![]() DocID023601 Rev 6 15/160 SPC574Kx Introduction 159 1.5 Feature overview On-chip modules within SPC574Kx include the following features: • One main processor core and one checker core, single-issue, 32-bit CPU core complexes (e200z4), running in lockstep – Power Architecture embedded specification compliance – Instruction set enhancement allowing variable length encoding (VLE), encoding a mix of 16-bit and 32-bit instructions, for code size footprint reduction – Single-precision floating point operations – 16 KB local instruction SRAM and 64 KB local data SRAM – 4 KB I-Cache and 2 KB D-Cache • I/O processor, single issue, 32-bit CPU core complexes (e200z2), with – Power Architecture embedded specification compliance – Instruction set enhancement allowing variable length encoding (VLE), encoding a mix of 16-bit and 32-bit instructions, for code size footprint reduction – Single-precision floating point operations – Lightweight Signal Processing Auxiliary Processing Unit (LSP APU) instruction support for digital signal processing (DSP) – 16 KB local instruction SRAM and 48 KB local data SRAM • 2624 KB (2560 KB code + 64 KB EEPROM) on-chip flash memory: supports read during program and erase operations, and multiple blocks allowing EEPROM emulation • 64 KB on-chip general-purpose SRAM (+ 112 KB data RAM included in the CPUs) • Multi-channel direct memory access controller (eDMA) with 32 channels • Dual interrupt controller (INTC) • Dual phase-locked loops with stable clock domain for peripherals and FM modulation domain for computational shell • Dual crossbar switch architecture for concurrent access to peripherals, flash memory, or SRAM from multiple bus masters with end-to-end ECC • System integration unit lite (SIUL2) • Boot assist Flash (BAF) supports factory programming using a serial bootload through the asynchronous CAN or LIN/UART • Generic timer module (GTM122) – Intelligent complex timer module – 88 channels (24 input and 64 output) – 3 programmable fine grain multi-threaded cores – 26 KB of dedicated SRAM – 24-bit wide channels – Hardware support for engine control, motor control and safety related applications • Enhanced analog-to-digital converter system with: – 1 supervisor 12-bit SAR analog converter – 4 separate fast 12-bit SAR analog converters – 2 separate 16-bit Sigma-Delta analog converters • 5 Deserial Serial Peripheral Interface (DSPI) modules |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |