Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574KX Datasheet(PDF) 138 Page - STMicroelectronics

Part # SPC574KX
Description  32-bit Power Architecture based MCU for automotive applications
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KX Datasheet(HTML) 138 Page - STMicroelectronics

Back Button SPC574KX Datasheet HTML 134Page - STMicroelectronics SPC574KX Datasheet HTML 135Page - STMicroelectronics SPC574KX Datasheet HTML 136Page - STMicroelectronics SPC574KX Datasheet HTML 137Page - STMicroelectronics SPC574KX Datasheet HTML 138Page - STMicroelectronics SPC574KX Datasheet HTML 139Page - STMicroelectronics SPC574KX Datasheet HTML 140Page - STMicroelectronics SPC574KX Datasheet HTML 141Page - STMicroelectronics SPC574KX Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 160 page
background image
Revision history
SPC574Kx
138/160
DocID023601 Rev 6
2
(cont’d)
30 Aug 2012 Updated Table 28 (External Oscillator electrical specifications)
Updated Table 29 (Selectable load capacitance)
Updated Table 26 (SARn ADC electrical specification)
Updated Table 34 (SDn ADC electrical specification)
Revised Section 3.13, ADC specifications
Figure 19 (Power-down exit time): replaced symbol “Tsu” with “tPD2NM_TX”
Table 35 (Temperature sensor electrical characteristics):
– Following symbols added: TSENS, TACC, ITEMP_SENS
– Following sentence removed from footnote: “All values above are comprehended in the
IP test plan for 100% testing, except Power.”
– Footnote deleted: “Temperature sensor continues to function between 150 °C and
165 °C but accuracy is degraded”
Table 37 (LFAST interface electrical characteristics): removed redundant footnote
Replaced section “DigRF electrical characteristics” with Section 3.15, LVDS Fast
Asynchronous Serial Transmission (LFAST) pad electrical characteristics
Updated Table 39 (LFAST PLL electrical characteristics)
Updated Table 40 (Aurora LVDS electrical characteristics)
– Specification change: RV_L (Terminating resistance): min value is 81 ohm (was 90); max
value is 120 ohm (was 110).
– Footnote added to
|ΔVOD_LVDS| (Differential output voltage swing (terminated)): “The
minimum value of 400 mV is only valid for differential terminating resistance (RV_L) =
99 ohm to 101 ohm. The differential output voltage swing tracks with the value of RV_L.“
– Updated and renamed specification fRX Receive Clock Rate (was Receive Data Rate)
– Specification description changed from “
|ΔVI_L| (Differential input voltage)” to
“Differential input voltage (peak to peak)”.
– Clarification: The maximum value of TLoss (Transmission Line Loss due to loading
effects) is specified for the maximum drive level of the Aurora transmit pad.
– Note added: “The Aurora interface is AC coupled, so there is no common-mode voltage
specification.”
– Footnote (applies to entire table) updated: “All Aurora electrical characteristics are valid
from –40 °C to 165 °C, except where noted”
Reorganized subsections of Section 3.17, Power management: PMC, POR/LVD,
sequencing
Table 41 (Device Power Supply Integration):
– Replaced “TBD” with “—” in Typ column
– Removed VSREG, ISREG, ILPREGINT
Updated Table 42 (Voltage monitor electrical characteristics)
Table 43 (Device supply relation during power-up/power-down sequence):
– Replaced “VDD_HV_PMC” with VDD_HV_IO_JTAG/VDD_HV_IO_FLEX
– Replaced “VDD_HV_PMU” with VDD_HV_IO_JTAG/VDD_HV_IO_FLEX
– Replaced VDD_HV_ADR row value from 2 mA to 5 mA
Changed instance of “Supply 1” to “Supply 2” in column header row
Table 44 (Functional terminals state during power-up and reset):
– Changed “Power-up pad state” column value from “High impedance” to “weak pull-up”
in TDI row
– Updated pad states in TMS row
Section 3.17.3, Device voltage monitoring: added introductory text
Updated Table 44 (Flash memory program and erase specifications (pending silicon
characterization))
Revised Section 3.19.2, DSPI Timing with CMOS and LVDS Pads
Table 48 (JTAG pin AC electrical characteristics):
– Changed all parameters from “C” to “D”
– Specification change: tTCYC (TCK cycle time) is 100 ns (was 40 ns). Boundary scan
frequency is limited to 10 MHz or less.
Table 74. Revision history(Continued)
Revision
Date
Description of changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com