Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC560D40L1 Datasheet(PDF) 44 Page - STMicroelectronics

Part # SPC560D40L1
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D40L1 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button SPC560D40L1 Datasheet HTML 40Page - STMicroelectronics SPC560D40L1 Datasheet HTML 41Page - STMicroelectronics SPC560D40L1 Datasheet HTML 42Page - STMicroelectronics SPC560D40L1 Datasheet HTML 43Page - STMicroelectronics SPC560D40L1 Datasheet HTML 44Page - STMicroelectronics SPC560D40L1 Datasheet HTML 45Page - STMicroelectronics SPC560D40L1 Datasheet HTML 46Page - STMicroelectronics SPC560D40L1 Datasheet HTML 47Page - STMicroelectronics SPC560D40L1 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 82 page
background image
Electrical characteristics
SPC560D30x, SPC560D40x
44/82
DS6494 Rev 8
4.10
Power consumption
Table 26 provides DC electrical characteristics for significant application modes. These
values are indicative values; actual consumption depends on the application.
Table 25. Low voltage detector electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
VPORUP
SR P Supply for functional POR module
TA = 25 °C,
after trimming
1.0
—
5.5
V
VPORH
CC P Power-on reset threshold
1.5
—
2.6
V
VLVDHV3H
CC T LVDHV3 low voltage detector high threshold
—
—
2.95
V
VLVDHV3L
CC P LVDHV3 low voltage detector low threshold
2.6
—
2.9
V
VLVDHV3BH CC P
LVDHV3B low voltage detector high
threshold
—
—
2.95
V
VLVDHV3BL CC P LVDHV3B low voltage detector low threshold
2.6
—
2.9
V
VLVDHV5H
CC T LVDHV5 low voltage detector high threshold
—
—
4.5
V
VLVDHV5L
CC P LVDHV5 low voltage detector low threshold
3.8
—
4.4
V
VLVDLVCORL CC P
LVDLVCOR low voltage detector low
threshold
1.08
—
1.16
V
VLVDLVBKPL CC P
LVDLVBKP low voltage detector low
threshold
1.08
—
1.16
V
1. VDD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 125 °C, unless otherwise specified.
Table 26. Power consumption on VDD_BV and VDD_HV
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
IDDMAX(2) CC D
RUN mode maximum
average current
——
90
130(3) mA
IDDRUN(4) CC
T
RUN mode typical
average current(5)
fCPU = 8 MHz
—
7
—
mA
TfCPU = 16 MHz
—
18
—
TfCPU = 32 MHz
—
29
—
PfCPU = 48 MHz
—
40
100
IDDHALT
CC
C
HALT mode current(6)
Slow internal RC
oscillator (128 kHz)
running
TA =25 °C
—
8
15
mA
PTA =125 °C
—
14
25
IDDSTOP
CC
P
STOP mode current(7)
Slow internal RC
oscillator (128 kHz)
running
TA =25 °C
—
180 700(8)
µA
DTA =55 °C
—
500
—
DTA =85 °C
—
1
6(8)
mA
DTA =105 °C
—
2
9(8)
PTA = 125 °C
—
4.5
12(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com