Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC560D40L1 Datasheet(PDF) 65 Page - STMicroelectronics

Part # SPC560D40L1
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D40L1 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button SPC560D40L1 Datasheet HTML 61Page - STMicroelectronics SPC560D40L1 Datasheet HTML 62Page - STMicroelectronics SPC560D40L1 Datasheet HTML 63Page - STMicroelectronics SPC560D40L1 Datasheet HTML 64Page - STMicroelectronics SPC560D40L1 Datasheet HTML 65Page - STMicroelectronics SPC560D40L1 Datasheet HTML 66Page - STMicroelectronics SPC560D40L1 Datasheet HTML 67Page - STMicroelectronics SPC560D40L1 Datasheet HTML 68Page - STMicroelectronics SPC560D40L1 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 82 page
background image
DS6494 Rev 8
65/82
SPC560D30x, SPC560D40x
Electrical characteristics
77
5tA
SR D Slave access time
—
1/fDSPI +70
—
—
ns
6tDI
SR D Slave SOUT disable time
—
7
—
—
ns
7tPCSC
SR D PCSx to PCSS time
—
0
—
—
ns
8tPASC
SR D PCSS to PCSx time
—
0
—
—
ns
9tSUI
SR D Data setup time for inputs
Master mode
43
—
—
ns
Slave mode
5
—
—
10
tHI
SR D Data hold time for inputs
Master mode
0
—
—
ns
Slave mode
2(4)
——
11
tSUO(5)
CC D Data valid after SCK edge
Master mode
—
—
32
ns
Slave mode
—
—
52
12
tHO(5)
CC D Data hold time for outputs
Master mode
0
—
—
ns
Slave mode
8
—
—
1. Maximum is reached when CSn pad is configured as SLOW pad while SCK pad is configured as MEDIUM pad.
2. The tCSC delay value is configurable through a register. When configuring tCSC (using PCSSCK and CSSCK fields in
DSPI_CTARx registers), delay between internal CS and internal SCK must be higher than
tCSC to ensure positive tCSCext.
3. The tASC delay value is configurable through a register. When configuring tASC (using PASC and ASC fields in
DSPI_CTARx registers), delay between internal CS and internal SCK must be higher than
tASC to ensure positive tASCext.
4. This delay value corresponds to SMPL_PT = 00b which is bit field 9 and 8 of DSPI_MCR.
5. SCK and SOUT configured as MEDIUM pad.
Note:
Operating conditions: COUT = 10 to 50 pF, SlewIN = 3.5 to 15 ns
Table 44. DSPI characteristics (continued)
No.
Symbol
C
Parameter
DSPI0/DSPI1
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com