Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC560D40L1 Datasheet(PDF) 27 Page - STMicroelectronics

Part # SPC560D40L1
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D40L1 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SPC560D40L1 Datasheet HTML 23Page - STMicroelectronics SPC560D40L1 Datasheet HTML 24Page - STMicroelectronics SPC560D40L1 Datasheet HTML 25Page - STMicroelectronics SPC560D40L1 Datasheet HTML 26Page - STMicroelectronics SPC560D40L1 Datasheet HTML 27Page - STMicroelectronics SPC560D40L1 Datasheet HTML 28Page - STMicroelectronics SPC560D40L1 Datasheet HTML 29Page - STMicroelectronics SPC560D40L1 Datasheet HTML 30Page - STMicroelectronics SPC560D40L1 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
DS6494 Rev 8
27/82
SPC560D30x, SPC560D40x
Electrical characteristics
77
4.5
Recommended operating conditions
Table 12. Recommended operating conditions (3.3 V)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
VSS
SR — Digital ground on VSS_HV pins
—
0
0
V
VDD(1)
SR —
Voltage on VDD_HV pins with respect
to ground (VSS)
—3.0
3.6
V
VSS_LV(2)
SR —
Voltage on VSS_LV (low voltage digital
supply) pins with respect to ground
(VSS)
—VSS  0.1 VSS +0.1
V
VDD_BV(3)
SR —
Voltage on VDD_BV pin (regulator
supply) with respect to ground (VSS)
—3.0
3.6
V
Relative to VDD VDD  0.1 VDD +0.1
VSS_ADC
SR —
Voltage on VSS_HV_ADC (ADC
reference) pin with respect to ground
(VSS)
—VSS  0.1 VSS +0.1
V
VDD_ADC(4)
SR —
Voltage on VDD_HV_ADC pin (ADC
reference) with respect to ground (VSS)
—3.0(5)
3.6
V
Relative to VDD VDD  0.1 VDD +0.1
VIN
SR —
Voltage on any GPIO pin with respect to
ground (VSS)
—VSS  0.1
—
V
Relative to VDD
—VDD +0.1
IINJPAD
SR —
Injected input current on any pin during
overload condition
—
55
mA
IINJSUM
SR —
Absolute sum of all injected input
currents during overload condition
—
50
50
mA
TVDD
SR — VDD slope to ensure correct power up(6)
—3.0(7)
250 x 103
(0.25
[V/µs])
V/s
1. 100 nF capacitance needs to be provided between each VDD/VSS pair.
2. 330 nF capacitance needs to be provided between each VDD_LV/VSS_LV supply pair.
3. 470 nF capacitance needs to be provided between VDD_BV and the nearest VSS_LV (higher value may be needed
depending on external regulator characteristics).
4. 100 nF capacitance needs to be provided between VDD_ADC/VSS_ADC pair.
5. Full electrical specification cannot be guaranteed when voltage drops below 3.0 V. In particular, ADC electrical
characteristics and I/Os DC electrical specification may not be guaranteed. When voltage drops below VLVDHVL, device is
reset.
6. Guaranteed by device validation.
7. Minimum value of TVDD must be guaranteed until VDD reaches 2.6 V (maximum value of VPORH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com