| Electronic Components Datasheet Search |
|
SPC563M60L7 Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC563M60L7 Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 128 page ![]() DocID14642 Rev 12 15/128 SPC563M64x, SPC563M60x Overview 127 Periodic interrupt timer (PIT) – 32-bit wide down counter with automatic reload – Four channels clocked by system clock – One channel clocked by crystal clock – Each channel can produce periodic software interrupt – Each channel can produce periodic triggers for eQADC queue triggering – One channel out of the five can be used as wake-up timer to wake device from low power stop mode System timer module (STM) – 32-bit up counter with 8-bit prescaler – Clocked from system clock – Four-channel timer compare hardware – Each channel can generate a unique interrupt request – Designed to address AUTOSAR task monitor function Software watchdog timer (SWT) – 32-bit timer – Clock by system clock or crystal clock – Can generate either system reset or non-maskable interrupt followed by system reset – Enabled out of reset Enhanced modular I/O system (eMIOS) – 16 timer channels (up to 14 channels in LQFP144) – 24-bit timer resolution – 3 selectable time bases plus shared time or angle counter bus from eTPU2 – DMA and interrupt request support – Motor control capability Second-generation enhanced time processor unit (eTPU2) – Object-code compatible with eTPU—no changes are required to hardware or software if only eTPU features are used – Intelligent co-processor designed for timing control – High level tools, assembler and compiler available – 32 channels (each channel has dedicated I/O pin in all packages) – 24-bit timer resolution – 14 KB code memory and 3 KB data memory – Double match and capture on all channels – Angle clock hardware support – Shared time or angle counter bus with eMIOS – DMA and interrupt request support – Nexus Class 1 debug support – eTPU2 enhancements – Counters and channels can run at full system clock speed – Software watchdog – Real-time performance monitor |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |