Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMKDB1120FS85NPPR Datasheet(PDF) 49 Page - Texas Instruments

Part # LMKDB1120FS85NPPR
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS85NPPR Datasheet(HTML) 49 Page - Texas Instruments

Back Button LMKDB1120FS85NPPR Datasheet HTML 45Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 46Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 47Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 48Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 49Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 50Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 51Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 52Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 95 page
background image
Table 9-26. R98 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2
SLEWRATE_SEL_CLK2_
LSB
R/W
0h
LSB CLK2 slew rate select
1
SLEWRATE_SEL_CLK1_
LSB
R/W
0h
LSB CLK1 slew rate select
0
SLEWRATE_SEL_CLK0_
LSB
R/W
0h
LSB CLK0 slew rate select
9.1.25 R99 Register (Offset = 63h) [Reset = 00h]
R99 is shown in Table 9-27.
Return to the Summary Table.
Table 9-27. R99 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SLEWRATE_SEL_CLK15
_LSB
R/W
0h
LSB CLK15 slew rate select
6
SLEWRATE_SEL_CLK14
_LSB
R/W
0h
LSB CLK14 slew rate select
5
SLEWRATE_SEL_CLK13
_LSB
R/W
0h
LSB CLK13 slew rate select
4
SLEWRATE_SEL_CLK12
_LSB
R/W
0h
LSB CLK12 slew rate select
3
SLEWRATE_SEL_CLK11
_LSB
R/W
0h
LSB CLK11 slew rate select
2
SLEWRATE_SEL_CLK10
_LSB
R/W
0h
LSB CLK10 slew rate select
1
SLEWRATE_SEL_CLK9_
LSB
R/W
0h
LSB CLK9 slew rate select
0
SLEWRATE_SEL_CLK8_
LSB
R/W
0h
LSB CLK8 slew rate select
9.1.26 R100 Register (Offset = 64h) [Reset = 00h]
R100 is shown in Table 9-28.
Return to the Summary Table.
Table 9-28. R100 Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
RESERVED
R
0h
Reserved
3
SLEWRATE_SEL_CLK19
_LSB
R/W
0h
LSB CLK19 slew rate select
2
SLEWRATE_SEL_CLK18
_LSB
R/W
0h
LSB CLK18 slew rate select
1
SLEWRATE_SEL_CLK17
_LSB
R/W
0h
LSB CLK17 slew rate select
0
SLEWRATE_SEL_CLK16
_LSB
R/W
0h
LSB CLK16 slew rate select
www.ti.com
LMKDB1102, LMKDB1104, LMKDB1104FS
LMKDB1108, LMKDB1108FS, LMKDB1120, LMKDB1120FS
SNAS855E – NOVEMBER 2023 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com