Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMKDB1120FS85NPPR Datasheet(PDF) 74 Page - Texas Instruments

Part # LMKDB1120FS85NPPR
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS85NPPR Datasheet(HTML) 74 Page - Texas Instruments

Back Button LMKDB1120FS85NPPR Datasheet HTML 70Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 71Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 72Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 73Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 74Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 75Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 76Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 77Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 95 page
background image
11 Device and Documentation Support
TI offers an extensive line of development tools. Tools and software to evaluate the performance of the device,
generate code, and develop solutions are listed below.
11.1 Documentation Support
11.1.1 Related Documentation
For related documentation, see the following:
• Texas Instruments, LMKDB1120 Evaluation Module, user's guide
• Texas Instruments, LMKDB1108 Evaluation Module, user's guide
• Texas Instruments, LMKDB1104 Evaluation Module, user's guide
• Texas Instruments, LMKDB1204 Evaluation Module, user's guide
• Texas Instruments, LMKDB1102/1202 Evaluation Module, user's guide
• Texas Instruments, Timing is Everything: How to measure additive jitter, blog post
11.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
11.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
11.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
11.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
11.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
12 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (June 2024) to Revision E (August 2025)
Page
• Updated the number format for tables, figures, and cross-references throughout the document...................... 1
• Moved the LMKDB1204 and LMKDB1202 to a new data sheet (SNAS927)..................................................... 1
• Added LMKDB1112 pin out description and diagram. Updated the pinout diagrams and general descriptions
on pins. ..............................................................................................................................................................4
• Updated Figure 7-1 diagram load to 2pF..........................................................................................................26
• Update the overview section for buffer only family. ......................................................................................... 28
LMKDB1102, LMKDB1104, LMKDB1104FS
LMKDB1108, LMKDB1108FS, LMKDB1120, LMKDB1120FS
SNAS855E – NOVEMBER 2023 – REVISED AUGUST 2025
www.ti.com
74
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMKDB1102 LMKDB1104 LMKDB1104FS LMKDB1108 LMKDB1108FS LMKDB1120 LMKDB1120FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com