Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMKDB1120FS85NPPR Datasheet(PDF) 80 Page - Texas Instruments

Part # LMKDB1120FS85NPPR
Description  LMKDB11xx PCIe Gen 1 to Gen 7 Ultra Low Jitter LP-HCSL Clock Buffer Family
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMKDB1120FS85NPPR Datasheet(HTML) 80 Page - Texas Instruments

Back Button LMKDB1120FS85NPPR Datasheet HTML 76Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 77Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 78Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 79Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 80Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 81Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 82Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 83Page - Texas Instruments LMKDB1120FS85NPPR Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 95 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
25-Sep-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LMKDB1104FS85REXR
VQFN
REX
28
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
LMKDB1108FS85RKPR
VQFN
RKP
40
3000
330.0
12.4
5.3
5.3
1.1
8.0
12.0
Q2
LMKDB1108Z100RKPR
VQFN
RKP
40
2500
330.0
12.4
5.3
5.3
1.1
8.0
12.0
Q2
LMKDB1108Z100RKPT
VQFN
RKP
40
250
180.0
12.4
5.3
5.3
1.1
8.0
12.0
Q2
LMKDB1108Z85RKPR
VQFN
RKP
40
2500
330.0
12.4
5.3
5.3
1.1
8.0
12.0
Q2
LMKDB1108Z85RKPT
VQFN
RKP
40
250
180.0
12.4
5.3
5.3
1.1
8.0
12.0
Q2
LMKDB1120FS85NPPR
TLGA
NPP
80
4000
330.0
16.4
6.3
6.3
1.1
12.0
16.0
Q2
LMKDB1120Z100NPPR
TLGA
NPP
80
2500
330.0
16.4
6.3
6.3
1.1
12.0
16.0
Q2
LMKDB1120Z100NPPT
TLGA
NPP
80
250
180.0
16.4
6.3
6.3
1.1
12.0
16.0
Q2
LMKDB1120Z85NPPT
TLGA
NPP
80
250
180.0
16.4
6.3
6.3
1.1
12.0
16.0
Q2
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com