Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T82SM6F Datasheet(PDF) 49 Page - STMicroelectronics

Part # M41T82SM6F
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82SM6F Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M41T82SM6F Datasheet HTML 45Page - STMicroelectronics M41T82SM6F Datasheet HTML 46Page - STMicroelectronics M41T82SM6F Datasheet HTML 47Page - STMicroelectronics M41T82SM6F Datasheet HTML 48Page - STMicroelectronics M41T82SM6F Datasheet HTML 49Page - STMicroelectronics M41T82SM6F Datasheet HTML 50Page - STMicroelectronics M41T82SM6F Datasheet HTML 51Page - STMicroelectronics M41T82SM6F Datasheet HTML 52Page - STMicroelectronics M41T82SM6F Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
DocID012578 Rev 19
49/64
M41T82, M41T83
Clock operation
3.17
OTP bit operation (M41T83 in SOX18 package only)
Using the factory-supplied analog calibration value
When the OTP (one time programmable) bit is set to a 1, the factory calibration value in the
internal OTP register will be transferred to the analog calibration register (12h) and is “read
only.” The OTP value is programmed by the manufacturer, and will contain the value
necessary to achieve typically ±5 ppm (a) at room temperature (VCC only) after two SMT
reflows. This clock accuracy can then be guaranteed to drift no more than ±3 ppm the first
year, and ±1 ppm for each following year due to crystal aging.
If the OTP bit is set to 0, the analog calibration register will become a WRITE/READ register
and function like an ordinary register, allowing the user to implement any desired value of
analog calibration.
When the user sets the OTP bit, they must wait for approximately 8 ms while the device
transfers the OTP value into the analog calibration register.
a. Max. value = +12 ppm / –5 ppm based on limited data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com