Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T82SM6F Datasheet(PDF) 63 Page - STMicroelectronics

Part # M41T82SM6F
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82SM6F Datasheet(HTML) 63 Page - STMicroelectronics

Back Button M41T82SM6F Datasheet HTML 56Page - STMicroelectronics M41T82SM6F Datasheet HTML 57Page - STMicroelectronics M41T82SM6F Datasheet HTML 58Page - STMicroelectronics M41T82SM6F Datasheet HTML 59Page - STMicroelectronics M41T82SM6F Datasheet HTML 60Page - STMicroelectronics M41T82SM6F Datasheet HTML 61Page - STMicroelectronics M41T82SM6F Datasheet HTML 62Page - STMicroelectronics M41T82SM6F Datasheet HTML 63Page - STMicroelectronics M41T82SM6F Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 63 / 64 page
background image
DocID012578 Rev 19
63/64
M41T82, M41T83
Revision history
8
Revision history
Table 31. Document revision history
Date
Revision
Changes
09-Apr-2009
9
Updated Table 1, 2, 4, 6, 10, 11, 21, Figure 20, 28, Section 3, Section 3.4.1,
Section 3.4.2, Section 3.5, Section 3.6, Section 3.7, Section 3.8, Section
3.8.2, Section 3.8.3, Section 3.8.4, Section 3.8.5, Section 3.12, Section 3.13,
Section 6; added Section 3.8.1, Section 3.14, Section 3.15, Table 9, 14, 15,
Figure 22, 25; removed “output driver pin” section, “alarm interrupt reset
waveform” figure, “backup mode alarm waveform” figure, “timer countdown
value register bits (addr 11h)” table; added tape and reel information Figure
35, Table 29.
05-Jan-2010
10
Updated Section 2.2: Read mode, Section 2.3: Write mode, Section 3: Clock
operation, Section 3.1, Section 3.2, Table 25.
25-Mar-2010
11
Updated Figure 28; Table 24.
19-Oct-2010
12
Updated Note in Section 3.12: Oscillator fail detection.
12-Oct-2011
13
Updated Features, title, Section 3.1: Clock data coherency, Section 3.2: Halt
bit (HT) operation; added Figure 16, added footnote 3 to Table 30: Ordering
information.
16-May-2012
14
Added reference to AN1572 in Section 3.2.1: Power-down time-stamp; textual
update to Section 3.17: OTP bit operation (M41T83 in SOX18 package only);
updated test condition for IBAT in Table 21: DC characteristics; removed
shipping method in tubes from Table 30: Ordering information.
26-Oct-2012
15
Textual update concerning reflow (Features, Section 3.17); removed footnote
3 of Table 18; updated footnote 1 of Table 22; removed Section 8: References.
04-Dec-2013
16
Updated Section 3.4.2: Analog calibration (programmable load capacitance);
moved and updated Section 3.4.3: Pre-programmed calibration value;
updated Section 3.11: Century bits and added Figure 24; updated Section
3.17; updated footnote 2 of Table 18: Absolute maximum ratings.
08-Jan-2015
17
Added clarification concerning pin 1 orientation in carrier tape (Figure 35:
Carrier tape for QFN16, SOX18, and SO8 packages).
02-Jun-2015
18
Updated Figure 30, Figure 33, Figure 34 and dimensions b, c, and L in Table
28. Removed dimension ddd from Table 26.
08-Apr-2024
19
Updated code watchdog resolution bits in Table 3 and Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com