Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T82SM6F Datasheet(PDF) 41 Page - STMicroelectronics

Part # M41T82SM6F
Description  Serial I2C bus real-time clock (RTC) with battery switchover
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82SM6F Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M41T82SM6F Datasheet HTML 37Page - STMicroelectronics M41T82SM6F Datasheet HTML 38Page - STMicroelectronics M41T82SM6F Datasheet HTML 39Page - STMicroelectronics M41T82SM6F Datasheet HTML 40Page - STMicroelectronics M41T82SM6F Datasheet HTML 41Page - STMicroelectronics M41T82SM6F Datasheet HTML 42Page - STMicroelectronics M41T82SM6F Datasheet HTML 43Page - STMicroelectronics M41T82SM6F Datasheet HTML 44Page - STMicroelectronics M41T82SM6F Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
DocID012578 Rev 19
41/64
M41T82, M41T83
Clock operation
3.9
Square wave output (M41T83 only)
The M41T83 offers the user a programmable square wave function which is output on the
SQW pin. RS3-RS0 bits located in 13h establish the square wave output frequency. These
frequencies are listed in Table 13. Once the selection of the SQW frequency has been
completed, the SQW pin can be turned on and off under software control with the square
wave enable bit (SQWE) located in register 0Ah.
Note:
If the SQWE bit is set to '1' and VCC falls below the switchover (VSO) voltage, the square
wave output will be disabled.
Table 13. Square wave output frequency
Square wave bits
Square wave
RS3
RS2
RS1
RS0
Frequency
Units
0
0
0
0
None
–
0
0
0
1
32.768
kHz
0
0
1
0
8.192
kHz
0
0
1
1
4.096
kHz
0
1
0
0
2.048
kHz
0
1
0
1
1.024
kHz
0
1
1
0
512
Hz
0
1
1
1
256
Hz
1
0
0
0
128
Hz
1
0
0
1
64
Hz
1
0
1
0
32
Hz
1
0
1
1
16
Hz
1
1
0
0
8
Hz
1
1
0
1
4
Hz
1
1
1
0
2
Hz
1
1
1
1
1
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com