Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HC4060 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC4060
Description  14-stage binary counter/oscillator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4060 Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC4060 Datasheet HTML 1Page - STMicroelectronics M74HC4060 Datasheet HTML 2Page - STMicroelectronics M74HC4060 Datasheet HTML 3Page - STMicroelectronics M74HC4060 Datasheet HTML 4Page - STMicroelectronics M74HC4060 Datasheet HTML 5Page - STMicroelectronics M74HC4060 Datasheet HTML 6Page - STMicroelectronics M74HC4060 Datasheet HTML 7Page - STMicroelectronics M74HC4060 Datasheet HTML 8Page - STMicroelectronics M74HC4060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DocID1967 Rev 3
5/17
M74HC4060
Electrical characteristics
17
3
Electrical characteristics
Table 4. Absolute maximum ratings(1)
1. Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied.
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.5 to +7
V
VI
DC Input voltage
-0.5 to VCC + 0.5
VO
DC output voltage
IIK
DC input diode current
20
mA
IOK
DC output diode current
IO
DC output current
25
ICC or IGND
DC VCC or ground current
50
PD
Power dissipation
500(2)
2. 500 mW at 65 °C; derate to 300 mW by 10 mW/ C from 65 °C to 85 °C.
mW
Tstg
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec.)
300
Table 5. Recommended operating conditions
Symbol
Parameter
Value
Unit
VC
Supply voltage
2 to 6
V
VI
Input voltage
0 to VCC
VO
Output voltage
Top
Operating temperature
-55 to 125
°C
tr, tf
Input rise and fall time
VCC = 2.0 V
0 to 1000
ns
VCC = 4.5 V
0 to 500
VCC = 6.0 V
0 to 400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com