Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HC4060 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HC4060
Description  14-stage binary counter/oscillator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4060 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HC4060 Datasheet HTML 3Page - STMicroelectronics M74HC4060 Datasheet HTML 4Page - STMicroelectronics M74HC4060 Datasheet HTML 5Page - STMicroelectronics M74HC4060 Datasheet HTML 6Page - STMicroelectronics M74HC4060 Datasheet HTML 7Page - STMicroelectronics M74HC4060 Datasheet HTML 8Page - STMicroelectronics M74HC4060 Datasheet HTML 9Page - STMicroelectronics M74HC4060 Datasheet HTML 10Page - STMicroelectronics M74HC4060 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DocID1967 Rev 3
7/17
M74HC4060
Electrical characteristics
17
Table 7. AC electrical characteristics (CL = 50 pF, input tr = tf = 6 ns)
Symbol
Parameter
Test
condition
Value
Unit
VCC (V)
TA = 25 °C
-40 to 85 °C
-55 to 125 °C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output transition time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH tPHL
Propagation delay
time (
∅I - Q4)
2.0
170
300
375
450
ns
4.5
41
60
75
90
6.0
30
51
64
76
tPD
Propagation delay
time difference
(Qn - Qn+1)
2.0
32
75
95
110
ns
4.5
7
15
19
22
6.0
5
13
16
19
tPHL
Propagation delay
time (CLEAR - Qn)
2.0
85
195
245
295
ns
4.5
23
39
49
59
6.0
17
33
42
50
fMAX
Maximum clock
frequency
2.0
6
12
5
4
MHz
4.5
30
50
24
20
6.0
35
65
28
24
tW(H), tW(L)
Minimum pulse width
(
∅I)
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tW(H)
Minimum pulse width
(CLEAR)
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tREM
Minimum removal
time
2.0
40
100
125
150
ns
4.5
10
20
25
30
6.0
9
17
21
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com