Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HC4060 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC4060
Description  14-stage binary counter/oscillator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC4060 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC4060 Datasheet HTML 1Page - STMicroelectronics M74HC4060 Datasheet HTML 2Page - STMicroelectronics M74HC4060 Datasheet HTML 3Page - STMicroelectronics M74HC4060 Datasheet HTML 4Page - STMicroelectronics M74HC4060 Datasheet HTML 5Page - STMicroelectronics M74HC4060 Datasheet HTML 6Page - STMicroelectronics M74HC4060 Datasheet HTML 7Page - STMicroelectronics M74HC4060 Datasheet HTML 8Page - STMicroelectronics M74HC4060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
This is information on a product in full production.
January 2014
DocID1967 Rev 3
1/17
M74HC4060
14-stage binary counter/oscillator
Datasheet
- production data
Features
• High speed:
fmax = 65 MHz (typ.) at VCC = 6 V
• Low power dissipation:
ICC = 4 A (max.) at TA = 25 °C
• High noise immunity:
VNIH = VNIL = 28% VCC (min.)
• Symmetrical output impedance:
|IOH| = IOL = 4 mA (min.)
• Balanced propagation delays: TPLH ≅ TPHL
• Wide operating voltage range:
VCC (opr.) = 2 V to 6 V
• Pin and function compatible with 74 series
4060
• ESD performance
–HBM: 2 kV
– MM: 200 V
–CDM: 1 kV
Applications
• Automotive
• Industrial
• Computer
• Consumer
Description
The M74HC4060 device is a high speed CMOS
14-stage binary counter/oscillator fabricated with
silicon gate C2MOS technology.
The oscillator configuration allows design of either
RC or crystal oscillator circuits. A high level on the
CLEAR accomplishes the reset function, i.e. all
counter outputs are made low and the oscillator is
disabled.
A negative transition on the clock input
increments the counter. Ten kinds of divided
output are provided; 4 to 10 and 12 to 14 stage
inclusive. The maximum division available at Q12
is 1/16384 of the oscillator frequency.
The
∅I input and the CLEAR input are equipped
with protection circuits against static discharge
and transient excess voltage.
TSSOP16
SO16
Table 1. Device summary
Order code
Temperature
range
Package
Packing
Marking
M74HC4060RM13TR
-55 °C to +125 °C
SO16
Tape and reel
74HC4060
M74HC4060YRM13TR(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC
Q001 and Q002.
-40 °C to +125 °C
SO16 (automotive version)
74HC4060Y
M74HC4060TTR
-55 °C to +125 °C
TSSOP16
HC4060
M74HC4060YTTR(1)
-40 °C to +125 °C
TSSOP16 (automotive version)
HC4060Y
www.st.com


Similar Part No. - M74HC4060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4060 STMICROELECTRONICS-M74HC4060 Datasheet
257Kb / 12P
14 STAGE BINARY COUNTER/OSCILLATOR
Mar-1993
M74HC4060B1 STMICROELECTRONICS-M74HC4060B1 Datasheet
564Kb / 16P
14-stage binary counter/oscillator
15-May-2013
M74HC4060B1R STMICROELECTRONICS-M74HC4060B1R Datasheet
257Kb / 12P
14 STAGE BINARY COUNTER/OSCILLATOR
Mar-1993
M74HC4060B1R STMICROELECTRONICS-M74HC4060B1R Datasheet
564Kb / 16P
14-stage binary counter/oscillator
15-May-2013
M74HC4060C1R STMICROELECTRONICS-M74HC4060C1R Datasheet
257Kb / 12P
14 STAGE BINARY COUNTER/OSCILLATOR
Mar-1993
More results

Similar Description - M74HC4060

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
14-stage binary ripple counter with oscillator
December 1990
logo
STMicroelectronics
M54HC4060 STMICROELECTRONICS-M54HC4060 Datasheet
257Kb / 12P
14 STAGE BINARY COUNTER/OSCILLATOR
Mar-1993
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
14-Stage Binary Counter 12-Stage Binary Counter
logo
Integral Corp.
IN74HC4060A INTEGRAL-IN74HC4060A Datasheet
356Kb / 8P
14 STAGE BINARY COUNTER/OSCILLATOR
logo
KODENSHI_AUK CORP.
KK74HC4060A KODENSHI-KK74HC4060A Datasheet
372Kb / 8P
14 STAGE BINARY COUNTER/OSCILLATOR
logo
STMicroelectronics
M54HC4060 STMICROELECTRONICS-M54HC4060_04 Datasheet
380Kb / 12P
RAD-HARD 14 STAGE BINARY COUNTER/OSCILLATOR
14-May-2004
logo
Renesas Technology Corp
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
14-stage Binary Counter
logo
IK Semicon Co., Ltd
IN74HC4060A IKSEMICON-IN74HC4060A Datasheet
289Kb / 8P
14 STAGE BINARY COUNTER/OSCILLATOR
logo
STMicroelectronics
M74HC4060TTR STMICROELECTRONICS-M74HC4060TTR Datasheet
564Kb / 16P
14-stage binary counter/oscillator
15-May-2013
M74HC4060RM13TR STMICROELECTRONICS-M74HC4060RM13TR Datasheet
564Kb / 16P
14-stage binary counter/oscillator
15-May-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com