Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS-C200S Datasheet(PDF) 18 Page - STMicroelectronics

Part # GS-C200S
Description  INTELLIGENT STEPPER MOTOR CONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-C200S Datasheet(HTML) 18 Page - STMicroelectronics

Back Button GS-C200S Datasheet HTML 14Page - STMicroelectronics GS-C200S Datasheet HTML 15Page - STMicroelectronics GS-C200S Datasheet HTML 16Page - STMicroelectronics GS-C200S Datasheet HTML 17Page - STMicroelectronics GS-C200S Datasheet HTML 18Page - STMicroelectronics GS-C200S Datasheet HTML 19Page - STMicroelectronics GS-C200S Datasheet HTML 20Page - STMicroelectronics GS-C200S Datasheet HTML 21Page - STMicroelectronics GS-C200S Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
18/31
Command
Description
Rvvv
The Ramp command allows the user to define the length of the acceleration and deceleration
ramps that are always identical.
The command is followed by an argument whose value ranges from 1 to 999 and it determines the
number of steps necessary to pass from the Start-Stop speed to Slew speed. The instruction:
R50
↓
specifies an acceleration or deceleration ramp 50 steps long. When the number of steps to be
executed is lower than the length of the two ramps (acceleration and deceleration), the ramping is
reversed before the maximum speed is reached to guarantee the correctness of the final position.
More than one ramp length can be used during the program execution just by introducing an R
command in the proper sequence place.
R25
↓
3000
↓
•
•
R85
↓
–800
↓
•
This program executes a 25 steps ramp length for the movements until the R85 command is
encountered; from that moment all the movements are executed with a 85 steps ramp length.
This feature allows the user to optimize the motion system to adapt for different friction and load
conditions. The Ramp command is of the delayed execution type and it occupies 4 memory
locations.
Svvv
The Start-Stop command allows the user to choose the step rate at which the motion is started.
The command is always followed by an argument whose value ranges between 1 and 1000 and it
corresponds to a Start-Stop step rate of 10 to 10,000 steps/second (a by 10 multiplier is used).
The range normally used is from 1 to 50 corresponding to a 10 to 500 steps/second rate.
The command:
S30
↓
indicates a 300 step/sec or 300Hz Start-Stop frequency.
A Start-Stop command must initiate any program to be executed in stand alone environment.
More than one Start-Stop rate can be used during the program execution just by introducing a new
Start-Stop command when needed, as shown in the following program sequence:
S20
↓
T200
↓
•
•
S35
↓
•
T300
↓
•
The Start-Stop command is of the delayed execution type and it occupies 4 memory locations.
Tvvv
The Top-speed command allows the user to choose the motion system Slew speed.
The command is always followed by an argument whose value ranges between 1 and 1000 that
correspond to a Top-speed step rate of 10 to 10000 steps/second (a by 10 multiplier is used).
The range normally used is from 30 to 500, corresponding to a 300 to 5000 steps/second rate.
The command:
T300
indicates a 3000 steps/sec or 3kHz rate (equivalent to 900 turns/minute for a motor with 200
steps/turn).
More than one Top-speed rate can be used during the program execution just by introducing a new
Top-speed command in the proper sequence place as per the example reported in the Start-stop
speed command description.
The Top-speed command is of the delayed execution type and it occupies 4 memory locations.
GS-C200 / GS-C200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com