Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS-C200S Datasheet(PDF) 19 Page - STMicroelectronics

Part # GS-C200S
Description  INTELLIGENT STEPPER MOTOR CONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-C200S Datasheet(HTML) 19 Page - STMicroelectronics

Back Button GS-C200S Datasheet HTML 15Page - STMicroelectronics GS-C200S Datasheet HTML 16Page - STMicroelectronics GS-C200S Datasheet HTML 17Page - STMicroelectronics GS-C200S Datasheet HTML 18Page - STMicroelectronics GS-C200S Datasheet HTML 19Page - STMicroelectronics GS-C200S Datasheet HTML 20Page - STMicroelectronics GS-C200S Datasheet HTML 21Page - STMicroelectronics GS-C200S Datasheet HTML 22Page - STMicroelectronics GS-C200S Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
19/31
Command
Description
Ux
The Until command allows the program currently stored in RAM memory to be continuously exe-
cuted until a specific USER input is brought to ”zero”.
The command is always followed by an argument whose value ranges between 1 and 3, and it
specifies the User input to be tested. The command:
U2
↓
states that the program, once started, will be continuously executed as long as the User input UI2 is
at the logic level ”one”.
Just after User Input UI2 is set to ”zero”, the program processes the next command after U2. The
Until command is of the delayed execution type and it occupies 2 memory locations.
Vx
The Verify command allows the Host to know the current absolute position of the motor versus the
Home position or the status of the USER inputs and outputs.
The instruction is always followed by an argument whose value, 1 or 2, specifies the type of
requested information. The request for the current absolute position is obtained by issuing the
instruction:
V1
↓
the GC-C200 answer can be
1234567
↓
while the GS-C200S answer can be:
+1234
↓
The request of the USER outputs status is obtained by using the instruction:
V2
↓
the GS-C answer can be:
25
↓
that denotes the following Input/Output status:
The Verify command is of the immediate execution type.
X
The eXchange command allows the user to transfer the program currently stored in the EEPROM
into the RAM.
This command is used either during the program debugging phase when the F.A.S.T. program is
utilized, or when the fast execution of a frequently used program is needed.
In this latter case the Host recalls the program from the EEPROM by simply issuing the following
command string:
E
↓
X
↓
The eXchange command is of the immediate execution type.
Wx
The Wait-for command allows the program start or a portion of program execution to be
conditioned by the rising edge of an external signal applied to the a USER input. The command is
always followed by an argument whose value ranges between 1 and 3, and it specifies the User
input to be tested in order to conditions the next command execution. The instruction:
W2
↓
states that the program execution is conditioned by the presence of a ”one” logic level at the User
Input UI2. The Wait-for command is of the delayed execution type and it occupies 2 memory locations.
UI1 =
0
UO1 =
1
UI2 =
1
UO2 =
0
UI3 =
0
UO1 =
1
25
GS-C200 / GS-C200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com