Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS-C200S Datasheet(PDF) 24 Page - STMicroelectronics

Part # GS-C200S
Description  INTELLIGENT STEPPER MOTOR CONTROLLERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-C200S Datasheet(HTML) 24 Page - STMicroelectronics

Back Button GS-C200S Datasheet HTML 20Page - STMicroelectronics GS-C200S Datasheet HTML 21Page - STMicroelectronics GS-C200S Datasheet HTML 22Page - STMicroelectronics GS-C200S Datasheet HTML 23Page - STMicroelectronics GS-C200S Datasheet HTML 24Page - STMicroelectronics GS-C200S Datasheet HTML 25Page - STMicroelectronics GS-C200S Datasheet HTML 26Page - STMicroelectronics GS-C200S Datasheet HTML 27Page - STMicroelectronics GS-C200S Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
24/31
Figure 10. Alternative Sequencer-Driver driving.
THE SEQUENCER-DRIVER INTERFACE
The GS-C is a general purpose stepper motor
controller capable to drive any type of motor, i.e.
two, three and five phases motors, by just interfac-
ing it to the right Sequencer-Driver.
Sometime the available Sequencer-Driver requires
two separate Clock lines, one for each direction,
and this requirement is easily fulfilled by the circuit
of figure 10.
PHASE CURRENT PROGRAMMING
As already explained, the possibility to modify the
phase current of a stepper motor according to
different operating conditions, gives substantial im-
provements in term of efficiency and system reliabil-
ity because it minimizes the resonance effects and
the dissipated power.
The phase current programming can be imple-
mented in various modes, either via a software
command by changing the status of the USER
output lines, or by hardware. Of course, the Se-
quencer-Driver must have the current programming
capability. An example of a hardware solution, im-
plemented around a GS-C and GS-D200/200S
module, is shown in fig.11.
The application utilizes the two outputs:
MOV
Movement in execution output
(pin 22)
RAMP
Ramp in execution (pin 23)
of the GS-C module and the
Ioset
Current programming input (pin 9)
of the GS-D module.
The phase current has the shape shown in fig.6, i.e.
it is minimized when the motor is stopped, it has its
maximum value during the acceleration/decelera-
tion ramps, and an intermediate value during the
slew phase.
Figure 11. Phase Current Programming of the GS-D200/200S
GS-C200 AND GS-C200S APPLICATION
GS-C200 / GS-C200S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com