Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138RGCT.B Datasheet(PDF) 45 Page - Texas Instruments

Part # UCD3138RGCT.B
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT.B Datasheet(HTML) 45 Page - Texas Instruments

Back Button UCD3138RGCT.B Datasheet HTML 41Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 42Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 43Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 44Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 45Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 46Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 47Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 48Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 99 page
background image
The counter reset can be configured to happen on a counter roll over, a compare equal event, or by a software
controlled register. Interrupts from the PWM timer can be set due to the counter rollover event (overflow) or
by the two comparison match events. Each comparison match and the overflow interrupts can be disabled or
enabled.
Upon an event comparison, the PWM pin can be configured to set, clear, toggle or have no action at the output.
The value of PWM pin output can be read for status or simply configured as General Purpose I/O for reading the
value of the input at the pin.
9.5.5.4.3 Watchdog Timer
A watchdog timer is provided on the device for ensuring proper firmware loop execution. The timer is clocked
off of a separate low speed oscillator source. If the timer is allowed to expire, a reset condition is issued to the
ARM processor. The watchdog is reset by a simple CPU write bit to the watchdog key register by the firmware
routine. On device power-up the watchdog is disabled. Yet after it is enabled, the watchdog cannot be disabled
by firmware. Only a device reset can put this bit back to the default disabled state. A half timer flag is also
provided for status monitoring of the watchdog.
9.5.6 Miscellaneous Analog
The Miscellaneous Analog Control (MAC) Registers are a catch-all of registers that control and monitor a wide
variety of functions. These functions include device supervisory features such as Brown-Out and power saving
configuration, general purpose input/output configuration and interfacing, internal temperature sensor control and
current sharing control.
The MAC module also provides trim signals to the oscillator and AFE blocks. These controls are usually used at
the time of trimming at manufacturing; therefore this document will not cover these trim controls.
The MAC registers and peripherals are all available in the UCD3138 (64 pin version). Other UCD3138 devices
may have reduced resources. See the device pin out description for details.
9.5.7 Package ID Information
Package ID register includes information regarding the package type of the device and can be read by firmware
for reporting through PMBus or for other package sensitive decisions.
BIT NUMBER
1:0
Bit Name
PKG_ID
Access
R/W
Default
0 – UCD3138RGC,
1 – UCD3138RHA
9.5.8 Brownout
Brownout function is used to determine if the device supply voltage is lower than a threshold voltage, a condition
that may be considered unsafe for proper operation of the device.
The brownout threshold is higher than the reset threshold voltage; therefore, when the supply voltage is lower
than brownout threshold, it still does not necessarily trigger a device reset.
The brownout interrupt flag can be polled or alternatively can trigger an interrupt to service such case by an
interrupt service routine. Please see the Power On Reset (POR) / Brown Out Reset (BOR) section.
9.5.9 Global I/O
Up to 30 pins in UCD3138 can be configured to serve as a general purpose input or output pin (GPIO). This
includes all digital input or output pins except for the RESET pin.
The pins that cannot be configured as GPIO pins are the supply pins, ground pins, ADC-12 analog input pins,
EADC analog input pins and the RESET pin.
There are two ways to configure and use the digital pins as GPIO pins:
1. Through the centralized Global I/O control registers.
www.ti.com
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com