Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138RGCT.B Datasheet(PDF) 48 Page - Texas Instruments

Part # UCD3138RGCT.B
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT.B Datasheet(HTML) 48 Page - Texas Instruments

Back Button UCD3138RGCT.B Datasheet HTML 44Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 45Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 46Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 47Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 48Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 49Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 50Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 51Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 99 page
background image
EXT CAP
AD02
400 Ω
Digital
RSHARE
250 Ω
3.3 V
ISHARE
ADC12 and
CMP
ESD
ESD
250 Ω
3. 2 kΩ
ESD
AD13
3.3V
SW2
SW1
SW3
3.3 V
ADC12 and
CMP
Figure 9-16. Simplified Current Sharing Circuitry
CURRENT SHARING MODE
FOR TEST ONLY,
ALWAYS KEEP 00
CS_MODE
EN_SW1
EN_SW2
DPWM
Off or Slave Mode (3-state)
00
00 (default)
0
0
0
PWM Bus
00
01
1
0
ACTIVE
Off or Slave Mode (3-state)
00
10
0
0
0
Analog Bus or Master
00
11
0
1
0
The period and the duty of 8-bit PWM current source and the state of the SW1 and SW2 switches can be
controlled through the current sharing control register (CSCTRL).
9.5.13 Temperature Reference
The temperature reference register (TEMPREF) provides the ADC12 count when ADC12 measures the internal
temperature sensor (channel 14) during the factory trim and calibration.
This information can be used by different periodic temperature compensation routines implemented in the
firmware. But it should not be overwritten by firmware, otherwise this factory written value will be lost.
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
48
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com