Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD3138RGCT.B Datasheet(PDF) 62 Page - Texas Instruments

Part # UCD3138RGCT.B
Description  UCD3138 Highly Integrated Digital Controller for Isolated Power
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138RGCT.B Datasheet(HTML) 62 Page - Texas Instruments

Back Button UCD3138RGCT.B Datasheet HTML 58Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 59Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 60Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 61Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 62Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 63Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 64Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 65Page - Texas Instruments UCD3138RGCT.B Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 99 page
background image
// Setup waveform for DPWM-C (re-using blanking B regs)
Dpwm2Regs.DPWMBLKBBEG.all = PWM2_EV5 + (4 *16);
Dpwm2Regs.DPWMBLKBEND.all = PWM2_EV6;
3 A – QB1
( DPWM1 C)
3 B – QT1
( DPWM 2 C)
Controlled by DPWM1 Blanking register
Blank B Begin
Blank B End
Period Start
Period End
Even 5
Even 6
Even 5
Even 6
Even 6
Controlled by DPWM2 Blanking register
Blank B Begin
Blank B End
Figure 10-5. Blank B Timing Information
The statements for DPWM1 are the same. Remember that DPWMC reuses the Blank B registers for timing
information.
10.2.2.5 Dynamic Signals to Bridge
DPWM0 and 1 are set at normal mode. PCMC triggering signal (fault) chops DPWM0A and 1A cycle by cycle.
The corresponding DPWM0B and 1B are used for synchronous rectifier MOSFET control. The same PCMC
triggering signal is applied to DPWM2 and DPWM3. Both of these are set to normal mode as well. DPWM2
and 3 are chopped and their edges are used to generate the next two dynamic signals to the bridge. They
are generated using the Edge Generator Module in DPWM2. The Edge Generator sources are DPWM2 and
DPWM3. The edges used are:
DPWM2A turned on by a rising edge on DPWM2BF
DPWM2A turned off by a falling edge on DPWM3AF
DPWM2B turned on by a rising edge on DPWM3BF
DPWM2B turned off by a falling edge on DPWM2AF
UCD3138
SLUSAP2J – MARCH 2012 – REVISED NOVEMBER 2021
www.ti.com
62
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD3138



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com