Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF600T Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # RF600T
Description  Smart Com Radio Transceiver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600T Datasheet(HTML) 4 Page - rfsolutions.ltd

  RF600T Datasheet HTML 1Page - rfsolutions.ltd RF600T Datasheet HTML 2Page - rfsolutions.ltd RF600T Datasheet HTML 3Page - rfsolutions.ltd RF600T Datasheet HTML 4Page - rfsolutions.ltd RF600T Datasheet HTML 5Page - rfsolutions.ltd RF600T Datasheet HTML 6Page - rfsolutions.ltd RF600T Datasheet HTML 7Page - rfsolutions.ltd RF600T Datasheet HTML 8Page - rfsolutions.ltd RF600T Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DS601-4
25
th JUN 2004
©2004 Reg. No. 227 4001, ENGLAND
Page 4
Smart Com Radio Transceiver IC
RF600T
Dual Pin Functions
As shown in the pin function list above, a number of output pins have dual usage. During power up
they are briefly configured as inputs to allow the selection of system options as shown below. Note
that any load connected to these pins must not bias the RF600T pin such that the option setting
network is significantly disturbed.
In order to configure these pins it is recommended that they are connected as shown.
1. Tie the relevant pin to Vcc or GND via
a 100K resistor. This is useful if the
option is permanently unselected.
2. Tie to Vcc or GND via a 100K resistor
and also add a jumper link and 2.2K
resistor to the other rail. This allows the
user to select the function of the pin by
insertion/removal of the link.
Pin
Number
Name
Type
Description
3
LOOP
CTS
In
Out
Function during power up:
Sets RF600T into ‘Loop back’ Mode (see below)
Disabled if connected to Vcc as shown above.
Enabled if connected to GND as shown above.
Function after power on:
Clear To Send control line to host (when low).
9
HBAUD
TxR
In
Out
Function during power up:
Host Baud rate Select.
9600baud if connected to Vcc as shown above.
19200baud if connected to GND as shown above.
Function after power on:
Transmit data to radio module..
10
RFBAUD
TXEN
In
Out
Function during power up:
Controls the baud rate for the RF link.
400uS if connected to Vcc as shown above.
200uS if connected to GND as shown above.
Function after power on:
Transmit enable (low) to radio module.
Learn pin (addressed mode only)
The learn pin is used both to sense the learn/erase switch and also to drive the indicator LED and should
be connected as shown in the application circuit. The switch, which should be of the normally open type,
should be connected from the learn pin to ground. The LED and its series current limiting resistor should
RF600T
Pin
100K
Ω
Vcc
2.2K
Ω
RF600T
Pin
100K
Ω
Vcc or GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com