Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF600T Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # RF600T
Description  Smart Com Radio Transceiver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600T Datasheet(HTML) 6 Page - rfsolutions.ltd

Back Button RF600T Datasheet HTML 2Page - rfsolutions.ltd RF600T Datasheet HTML 3Page - rfsolutions.ltd RF600T Datasheet HTML 4Page - rfsolutions.ltd RF600T Datasheet HTML 5Page - rfsolutions.ltd RF600T Datasheet HTML 6Page - rfsolutions.ltd RF600T Datasheet HTML 7Page - rfsolutions.ltd RF600T Datasheet HTML 8Page - rfsolutions.ltd RF600T Datasheet HTML 9Page - rfsolutions.ltd RF600T Datasheet HTML 10Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DS601-4
25
th JUN 2004
©2004 Reg. No. 227 4001, ENGLAND
Page 6
Smart Com Radio Transceiver IC
RF600T
the buffer will be transmitted to the host. When the RTS line is taken high then data flow will be inhibited
and until the buffer is empty the device will not be able to perform any other operations.
Packet Size and Timing
The following information is provided to aid in timing calculations for the RF data transmission.
Element
Size (bits)
Modes Present
Run-In / Pre-amble
76
Both
Sync Pattern
4
Both
Start Bit
1
Both
Command Byte
8
Both
Source Address
32
Addressed only
Destination Address
32
Addressed only
Data Bytes
xxx
Both
Checksum
8
Both
Addressed mode packet overhead:
POa = 76+4+1+8+32+32+8 = 161 bits
Addressed Transmission time, presuming 200uS element time, no idle period:
TTa = 200uS x (POa + No. Data Bits)
Please note this timing is for RF transmission only the RS232 communications timing is not included.
Radio Module Interface
The interface to the radio module(s) consists of the following signal and control lines:
TxR
Serial data output from the RF600T to the radio module.
RxR
Serial Data input to the RF600T from the radio module.
TXEN
When active low the RF Transmitter is enabled
RXEN
When active low the RF Receiver is enabled
Radio Module Communications
All data communications between the radio modules are carried out using an R. F. Solutions proprietary
data protocol with Manchester coding. This protocol includes a pre-amble and synchronisation header
followed by address and control bytes, data and a CRC check. Element timing is selectable at either 400
us or 200 us using the HBAUD option as described above.
Radio Module Control
The RXEN and TXEN control lines are used to enable or disable the receiver and transmitter modules – or
in the case of a transceiver module, to control the direction of operation. The logic of these outputs is such
that when the RF600T wishes to transmit, it will take the RXEN line high and the TXEN line low. When the
RF600T wishes to receive, it will take the RXEN line low and the TXEN line high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com