Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF600T Datasheet(PDF) 10 Page - rfsolutions.ltd

Part # RF600T
Description  Smart Com Radio Transceiver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600T Datasheet(HTML) 10 Page - rfsolutions.ltd

Back Button RF600T Datasheet HTML 5Page - rfsolutions.ltd RF600T Datasheet HTML 6Page - rfsolutions.ltd RF600T Datasheet HTML 7Page - rfsolutions.ltd RF600T Datasheet HTML 8Page - rfsolutions.ltd RF600T Datasheet HTML 9Page - rfsolutions.ltd RF600T Datasheet HTML 10Page - rfsolutions.ltd RF600T Datasheet HTML 11Page - rfsolutions.ltd RF600T Datasheet HTML 12Page - rfsolutions.ltd RF600T Datasheet HTML 13Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
DS601-4
25
th JUN 2004
©2004 Reg. No. 227 4001, ENGLAND
Page 10
Smart Com Radio Transceiver IC
RF600T
Smart Radio Evaluation Kit
The Smart Radio Evaluation Kit provides a hardware platform to enable
fast development of Radio applications.
Supplied as a pair of boards, each can accept a variety of RF Modules
including transmitters, receivers and transceivers, an RS232 port is
incorporated for direct connection to a PC.
The boards may be used for a wide range of tasks from simple RS232
data transmission to integrated system development and is the ideal
platform for exploring the advantages of using the “Smart Comms” range
of ICs and radio modules.
This eliminates the need to construct hand-wired prototype boards, which
are rarely successful in creating a valid environment for the development
of radio systems. (prototyping board also contains large stray capacitance
values which has a detrimental effect on the RF connections).
• Hardware Platform for Radio Comms Development
• Accepts Various RF Modules
• RS232 Interface to PC
• Supplied with RF600T Smart Comms Controller
• Performs all Data Encryption for Reliable Data Comms.
• Two Telemetry I/O Lines (addressed mode only)
• Range Testing
• Target Environment Testing
• Antenna Evaluation
Achieving Optimum Range
Range is dependant on many factors including
1. RF Power output
2. Receiver sensitivity
3. Antenna efficiency
4. Local environmental conditions and any local Interference
5. Data Type which is being transmitted.
Whilst items 1-4 are dependant on the system hardware design, item ‘5’ is equally important and often
overlooked. Given that there is a legal maximum power output which can be transmitted, and a limit on the
sensitivity of the receiver (usually constrained by cost), and that the antenna can never achieve 0dB loss
(100% efficiency), then the data structure and coding is an important aspect of the design.
The RF600T uses a fully balanced Manchester encoded data protocol designed for optimum use of the
radio transmission path. Manchester encoding enables the receiver ‘data slicer’ to maintain efficiency for
the duration of the data packet, (unlike many other encoder/decoder systems) which results in reduced bit
errors and therefore ensures maximum range.
Custom Versions
Customisation of the RF600T is available, please contact our sales department for further information.
Contents
•
Two Eval Boards
•
Two RF600T Comms Controllers
•
Circuit diagrams
••
Two RS232 PC cables
Radio Modules and Antenna available
Separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com