Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC5948APWPR.B Datasheet(PDF) 20 Page - Texas Instruments

Part # TLC5948APWPR.B
Description  16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit DC and 7-Bit Global BC LED Lamp
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5948APWPR.B Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC5948APWPR.B Datasheet HTML 16Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 17Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 18Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 19Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 20Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 21Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 22Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 23Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
TLC5948A
SBVS192A – MARCH 2012 – REVISED DECEMBER 2012
www.ti.com
Table 3 and Table 4 summarize the BC data versus the set current value.
Table 3. BC Data versus Constant-Current Ratio and Set Current Value
BC DATA
RATIO OF
OUTPUT
IOUT (mA)
IOUT (mA)
CURRENT TO
(IOLCMax= 45 mA,
(IOLCMax= 2 mA,
BINARY
DECIMAL
HEX
DC DATA (Hex)
IOLCMax(%)
typ)
typ)
000 0000
0
00
7F
25.0
11.25
0.50
000 0001
1
01
7F
25.6
11.52
0.51
000 0010
2
02
7F
26.2
11.78
0.52
—
—
—
—
—
—
—
111 1101
125
7D
7F
98.8
44.47
1.98
111 1110
126
7E
7F
99.4
44.73
1.99
111 1111
127
7F
7F
100.0
45.00
2.00
Table 4. DC and BC Data versus Current Ratio and Set Current Value
RATIO OF OUTPUT
IOUT (mA)
CURRENT TO IOLCMax
(IOLCMax = 45 mA,
IOUT (mA)
BC DATA (Hex)
DC DATA (Hex)
(%)
typical)
(IOLCMax = 2 mA, typical)
00
3F
12.4
5.58
0.25
01
3F
12.7
5.71
0.25
02
3F
13.0
5.84
0.26
—
—
—
—
—
7D
3F
49.0
22.06
0.98
7E
3F
49.3
22.19
0.99
7F
3F
49.6
22.32
0.99
GRAYSCALE (GS) FUNCTION (PWM CONTROL)
The TLC5948A can adjust the brightness of each output channel using a pulse width modulation (PWM) control
scheme. The architecture of 16 bits per channel results in 65,536 brightness steps, from 0% up to 100%
brightness.
The PWM operation for OUTn is controlled by a 16-bit grayscale (GS) counter. The GS counter increments on
each GS reference clock (GSCLK) rising edge. The GS counter resets to 0000h when the BLANK bit in the first
control data latch is set to '1'; the counter value is held at 0000h while the BLANK bit is '1', even if the GS clock
input is toggled high and low.
The TLC5948A has two types of PWM control: conventional PWM control and enhanced spectrum (ES) PWM
control. The conventional PWM control can be selected when the ESPWM bit in the first control data latch is '0'.
The ES PWM control is selected when the ESPWM bit is '1'.
The on-time (tOUT_ON) of each output (OUTn) can be calculated by Equation 3.
tOUT_ON = tGSCLK × GSn
(3)
20
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TLC5948A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com