Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC5948APWPR.B Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC5948APWPR.B
Description  16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit DC and 7-Bit Global BC LED Lamp
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5948APWPR.B Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC5948APWPR.B Datasheet HTML 5Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 6Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 7Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 8Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 9Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 10Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 11Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 12Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
LOD
15
t
D5
t
D4
t
D3
t
D2
t
D0
t
WH1
GS0
1B
65535
t
WL1
LOD
15
GS0
0A
GS15
15B
t
GSCLK
t
WH2
GSCLK
SIN
OUT0, 7 8 15
, ,
ON
OFF
LAT
Grayscale Data
In First GS Data Latch
(Internal)
SOUT
ON
OFF
ON
OFF
ON
OFF
t
SU0
t
SU1
t
H0
t /t
R0 F0
t
F1
Low
GS15
14B
GS15
13B
GS15
12B
GS0
0B
GS0
2B
GS0
3B
LOD
14
LOD
13
LOD
12
RSV
(1)
RSV
RSV
RSV
LOD
14
LOD
13
LOD
12
LOD
11
LOD
10
LOD
9
1
2
3
4
5
6
Old Data
New Data (GSn-nB)
SCLK
1
254
255
256
2
3
4
5
t
WL0
1
2
3
4
5
6
7
t
H1
t
WH0
ON
OFF
ON
OFF
ON
OFF
ON
OFF
t
D2
t
D3
t
D4
t
D5
t
, t
SU2
SU3
t
OUTON
(2)
t
OUTON
t
OUTON
t
OUTON
Display Timing Reset Enabled, Auto Display Repeat Disabled, All GS Data Are FFFFh
(V
)
OUTnH
(V
)
OUTnL
GS Data Write
Low
BLANK Bit
In First Control Data Latch
(Internal)
t
R1
OUT1 6 9 14
, , ,
OUT2 5 10 13
, ,
,
OUT3 4 11 12
, ,
,
Display Timing Reset Enabled, Auto Display Repeat Disabled, All GS Data Are 0001h
Data = 0
Low
GS15
15C
GS15
14C
GS15
13C
GS15
12C
GS15
11C
GS15
10C
Low
GS Data Write
OUT0 7 8 15
, , ,
OUT1 6 9 14
, , ,
OUT2 5 10 13
, ,
,
OUT3 4 11 12
, ,
,
65534
257
t
D0
65536
t
D5
t
D4
t
D3
t
D2
Grayscale Data
In Second GS Data Latch
(Internal)
Old Data
New Data (GSn-nB)
The data in the 257-bit common shift register are copied
to the first and second GS data latches when the display
timing reset is enabled.
TLC5948A
www.ti.com
SBVS192A – MARCH 2012 – REVISED DECEMBER 2012
(1) RSV = reserved.
(2) tOUTON refers to tON_ERR = tOUTON – tGSCLK.
Figure 9. Grayscale Data Write Timing
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TLC5948A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com