Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC5948APWPR.B Datasheet(PDF) 31 Page - Texas Instruments

Part # TLC5948APWPR.B
Description  16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit DC and 7-Bit Global BC LED Lamp
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC5948APWPR.B Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLC5948APWPR.B Datasheet HTML 27Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 28Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 29Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 30Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 31Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 32Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 33Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 34Page - Texas Instruments TLC5948APWPR.B Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
TLC5948A
www.ti.com
SBVS192A – MARCH 2012 – REVISED DECEMBER 2012
Function Control (FC) Data Latch
The FC data latch is 13 bits long. This latch enables the constant-current outputs, enables the auto display
repeat and display timing reset functions, and sets the PWM control mode and the LOD, LSD, and OLD data
latch timing. Each function is selected by the first control data latch. When the device is powered on, the data of
the FC data in the first control data latch are random (except the BLANK and PSMODE bits) in order to disable
all constant-current outputs. The FC data bit assignment in the first control data latch is shown in Table 10.
Table 10. Function Control Data Latch Bit Description
DEFAULT
BIT
BIT
VALUE
NUMBER
NAME
(Binary)
DESCRIPTION
Constant-current output blank bit
0 = On, 1 = Off
When this bit is '0', all constant-current outputs (OUT0-OUT15) are controlled
119
BLANK
1
by the GS PWM timing controller.
When this bit is '1', all constant-current outputs are forced off, the GS counter is
reset to '0', and the GS PWM timing controller is initialized. When the device is
powered on, this bit is set to '1'.
Auto display repeat mode enable bit
0 = Disabled, 1 = Enabled
When this bit is '0', the auto display repeat function is disabled. Each constant-
120
DSPRPT
—
current output is turned on and off for one display period after the BLANK bit is
set to '0'.
When this bit is '1', each output is repeated every 65536 GS clocks. When the
device is powered on, this bit is random.
Display timing reset mode enable bit
0 = Disabled, 1 = Enabled
When this bit is '0', the GS counter is not reset and the outputs are not forced
off even with a LAT rising edge.
121
TMGRST
—
When this bit is '1', the GS counter is reset to '0' and all outputs are forced off
at the LAT rising edge for a GS data write. This function is identical to the
BLANK bit. Therefore, a BLANK bit data change is not needed to control the
outputs from a controller. PWM control resumes from the next GSCLK rising
edge. When the device is powered on, this bit is random.
ES-PWM mode enable bit
0 = Disabled, 1 = Enabled
When this bit is '0', the conventional PWM control mode is selected.
122
ESPWM
—
When this bit is '1', ES-PWM control mode is selected. If the TLC5948A is used
for multiplexing a drive, the conventional PWM mode should be selected to
prevent excess on/off switching. When the device is powered on, this bit is
random.
LOD detection voltage selection bits
LED open detection (LOD) detects a fault caused by an open LED by
123, 124
LODVLT
—
comparing the OUTn voltage to the LOD detection threshold voltage. The
threshold voltage is selected with these bits. Refer to Table 11 for the detect
voltage truth table. When the device is powered on, this bit is random.
LSD detection voltage selection bits
LED short detection (LSD) detects a fault caused by a shorted LED by
125, 126
LSDVLT
—
comparing the OUTn voltage to the LSD detection threshold voltage. The
threshold voltage is selected by these bits. Refer to Table 12 for the detect
voltage truth table. When the device is powered on, this bit is random.
LOD and LSD data reading timing selection bits
The LOD and LSD data reading time is selected by these bits.
When DSPRPT is '1' and IDMRPT is '0', LOD and LSD data are loaded to the
127, 128
LATTMG
—
LOD and LSD data latch only once after new GS data are written into the
second GS data latch. Refer to Table 13 for the data load timing truth table.
When the device is powered on, this bit is random.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: TLC5948A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com