Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SXESDHC2FD7VBH Datasheet(PDF) 4 Page - Shunxin Technology Co., Ltd.

Part # SXESDHC2FD7VBH
Description  Bi-directional 7V High Capacitance ESD Protector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.

SXESDHC2FD7VBH Datasheet(HTML) 4 Page - Shunxin Technology Co., Ltd.

  SXESDHC2FD7VBH Datasheet HTML 1Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VBH Datasheet HTML 2Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VBH Datasheet HTML 3Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VBH Datasheet HTML 4Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VBH Datasheet HTML 5Page - Shunxin Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
60
Times - ns
Times - ns
Fig 7. Clamping Voltage at IEC61000-4-2
Fig 8. Clamping Voltage at IEC61000-4-2
+8kV Pulse Waveform
-8kV Pulse Waveform
Solder Reflow Recommendation
300
250
200
150
100
50
0
Preliminary Heating
Soldering
Cooling(in air)
260℃ (+0,-5℃)
245℃ (+0,-5℃)
120℃
100℃
2 to 5 min
Less than 10s
Remark: Pb free for 260℃ ; Pb for 245℃.
more than 1 min
Bi-directional 7V High Capacitance ESD Protector
4
www.sxsemi.com
SXESDHC2FD7VBH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com