Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SXESDHC2FD7VBH Datasheet(PDF) 2 Page - Shunxin Technology Co., Ltd.

Part # SXESDHC2FD7VBH
Description  Bi-directional 7V High Capacitance ESD Protector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.

SXESDHC2FD7VBH Datasheet(HTML) 2 Page - Shunxin Technology Co., Ltd.

  SXESDHC2FD7VBH Datasheet HTML 1Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VBH Datasheet HTML 2Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VBH Datasheet HTML 3Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VBH Datasheet HTML 4Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VBH Datasheet HTML 5Page - Shunxin Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electronics Parameter
Symbol
Parameter
VRWM
Peak Reverse Working Voltage
IR
Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
PPP
Peak Pulse Power
CJ
Junction Capacitance
IF
Forward Current
VF
Forward Voltage @ IF
Electrical characteristics per line@25℃ (unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Peak Reverse Working Voltage
VRWM
-
-
-
7.0
V
Breakdown Voltage
VBR
It = 1mA
7.2
-
10
V
Reverse Leakage Current
IR
VRWM = 7V
-
-
1.0
μA
Clamping Voltage1)
VC
TLP = 16A, tp = 100ns
-
7.8
-
V
Dynamic resistance1)
RDYN
-
-
0.02
-
Ω
Clamping Voltage2)
VC
IPP = 10A,tP = 8/20μs
-
8.5
10
V
IPP = 40A,tP = 8/20μs
-
12.5
14
V
Junction Capacitance
CJ
VR = 0V,f = 1MHz
-
90
120
pF
Notes:
1.TLP parameter: Z0=50Ω, tp=100ns, tr=2ns, averaging window from 70ns to 90ns. RDYN is calculated from 4A to 16A.
2. Non-repetitive current pulse, according to IEC61000-4-5.
Absolute maximum rating@25℃
Rating
Symbol
Value
Units
Peak Pulse Power ( tP = 8/20μs )
PPP
500
W
Peak Pulse Current ( tP = 8/20μs )
IPP
40
A
Lead Soldering Temperature
TL
260 (10 sec)
℃
Junction and Storage Temperature Range
TJ,TSTG
-55~+150
℃
ESD Protection-Contact Discharge
VESD
±30
kV
ESD Protection-Air Discharge
VESD
±30
kV
VC
VBRVRWM
IPP
IT
IR
I
V
IR
IT
IPP
VRWMVBR VC
Bi-directional 7V High Capacitance ESD Protector
2
www.sxsemi.com
SXESDHC2FD7VBH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com