Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SXESDHC2FD7VBH Datasheet(PDF) 1 Page - Shunxin Technology Co., Ltd.

Part # SXESDHC2FD7VBH
Description  Bi-directional 7V High Capacitance ESD Protector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.

SXESDHC2FD7VBH Datasheet(HTML) 1 Page - Shunxin Technology Co., Ltd.

  SXESDHC2FD7VBH Datasheet HTML 1Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VBH Datasheet HTML 2Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VBH Datasheet HTML 3Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VBH Datasheet HTML 4Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VBH Datasheet HTML 5Page - Shunxin Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bi-directional 7V High Capacitance ESD Protector
Description
The SXESDHC2FD7VBH protects sensitive semiconductor
components from damage or upset due to electrostatic
discharge (ESD) and other voltage induced transient events.
They feature large cross-sectional area junctions for
conducting high transient currents, offer desirable electrical
characteristics for board level protection, such as fast
response time, low operating voltage.
Feature
500W peak pulse power per line (tP = 8/20μs)
DFN1006-2L package
Response time is typically < 1 ns
Bidirectional configurations
Low clamping voltage
RoHS compliant
Transient protection for data lines to
IEC 61000-4-2(ESD) ±30kV(air), ± 30kV(contact);
IEC 61000-4-5 (Lightning) 40A (8/20us)
DFN1006-2L
Pin1
Applications
Cell phone handsets and accessories
Personal digital assistants (PDA’s)
Notebooks, desktops, and servers
Portable instrumentation
Cordless phones
Digital cameras
Peripherals
Mechanical Characteristics
Mounting position: Any
Qualified max reflow temperature:260℃
Device meets MSL 1 requirements
DFN1006-2L without plating
Pin2
SXESDHC2FD7VBH
1
www.sxsemi.com


Similar Part No. - SXESDHC2FD7VBH

ManufacturerPart #DatasheetDescription
logo
Shunxin Technology Co.,...
SXESDHC2FD7VB SXSEMI-SXESDHC2FD7VB Datasheet
590Kb / 6P
Transient Voltage Suppressors for ESD Protection
More results

Similar Description - SXESDHC2FD7VBH

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STESD05CL SECOS-STESD05CL Datasheet
412Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESDL05C SECOS-STESDL05C Datasheet
400Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
KS05BL4 SECOS-KS05BL4 Datasheet
265Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
KS05ML4 SECOS-KS05ML4 Datasheet
379Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
SD07C SECOS-SD07C Datasheet
189Kb / 3P
85W, 7V ESD Protection (Bi-Directional)
STESD03C SECOS-STESD03C Datasheet
275Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
logo
Leshan Radio Company
LTVS16H7.0T5G LRC-LTVS16H7.0T5G Datasheet
127Kb / 3P
7V uni-directional ESD diode
logo
SeCoS Halbleitertechnol...
STESDL05C-C SECOS-STESDL05C-C Datasheet
330Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD05CL-C SECOS-STESD05CL-C Datasheet
345Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
STESD03C-C SECOS-STESD03C-C Datasheet
199Kb / 3P
Low Capacitance ESD Protection (Bi-directional)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com