Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320R2811PBKA Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320R2811PBKA
Description  Digital Signal Processors
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320R2811PBKA Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320R2811PBKA Datasheet HTML 17Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 18Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 19Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 20Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 21Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 22Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 23Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 24Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 162 page
background image
Introduction
22
June 2004 − Revised June 2006
SPRS257C
Table 2−2. Signal Descriptions† (Continued)
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
PIN NO.
NAME
DESCRIPTION
PU/PD§
I/O/Z‡
128-PIN
PBK
176-PIN
PGF
179-PIN
GHH
AND
ZHH
JTAG AND MISCELLANEOUS SIGNALS
X1/XCLKIN
K9
77
58
I
Oscillator Input − input to the internal oscillator. This pin is
also used to feed an external clock. The 28x can be
operated with an external clock source, provided that the
proper voltage levels be driven on the X1/XCLKIN pin. It
should be noted that the X1/XCLKIN pin is referenced to
the 1.8-V (or 1.9-V) core digital power supply (VDD), rather
than the 3.3-V I/O supply (VDDIO). A clamping diode may
be used to clamp a buffered clock signal to ensure that the
logic-high level does not exceed VDD (1.8 V or 1.9 V) or a
1.8-V oscillator may be used.
X2
M9
76
57
O
Oscillator Output
XCLKOUT
F11
119
87
O
−
Output clock derived from SYSCLKOUT to be used for
external wait-state generation and as a general-purpose
clock source. XCLKOUT is either the same frequency, 1/2
the frequency, or 1/4 the frequency of SYSCLKOUT. At
reset, XCLKOUT = SYSCLKOUT/4. The XCLKOUT
signal can be turned off by setting bit 3 (CLKOFF) of the
XINTCNF2 register to 1. Unlike other GPIO pins, the
XCLKOUT pin is not placed in a high impedance state
during reset.
TESTSEL
A13
134
97
I
PD
Test Pin. Reserved for TI. Must be connected to ground.
XRS
D6
160
113
I/O
PU
Device Reset (in) and Watchdog Reset (out).
Device reset. XRS causes the device to terminate
execution. The PC will point to the address contained at
the location 0x3FFFC0. When XRS is brought to a high
level, execution begins at the location pointed to by the
PC. This pin is driven low by the DSP when a watchdog
reset occurs. During watchdog reset, the XRS pin will be
driven low for the watchdog reset duration of 512 XCLKIN
cycles.
The output buffer of this pin is an open-drain with an
internal pullup (100
µA, typical). It is recommended that
this pin be driven by an open-drain device.
TEST1
M7
67
51
I/O
−
This pin is a “no connect (NC)”
(i.e., this pin is not
connected to any circuitry internal to the device).
TEST2
N7
66
50
I/O
−
This pin is a “no connect (NC)”
(i.e., this pin is not
connected to any circuitry internal to the device).
† Typical drive strength of the output buffer for all pins is 4 mA except for TDO, XCLKOUT, XF, XINTF, EMU0, and EMU1 pins, which are 8 mA.
‡ I = Input, O = Output, Z = High impedance
§ PU = pin has internal pullup; PD = pin has internal pulldown. Pullup/pulldown strength is given in Section 6.3. The pullups/pulldowns are enabled
in boundary-scan mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com