Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320R2811PBKA Datasheet(PDF) 60 Page - Texas Instruments

Part # TMS320R2811PBKA
Description  Digital Signal Processors
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320R2811PBKA Datasheet(HTML) 60 Page - Texas Instruments

Back Button TMS320R2811PBKA Datasheet HTML 56Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 57Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 58Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 59Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 60Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 61Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 62Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 63Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 162 page
background image
Peripherals
61
June 2004 − Revised June 2006
SPRS257C
4.3
Enhanced Analog-to-Digital Converter (ADC) Module
A simplified functional block diagram of the ADC module is shown in Figure 4−4. The ADC module consists
of a 12-bit ADC with a built-in sample-and-hold (S / H) circuit. Functions of the ADC module include:
•
12-bit ADC core with built-in S/H
•
Analog input: 0.0 V to 3.0 V (Voltages above 3.0 V produce full-scale conversion results.)
•
Fast conversion rate: 80 ns at 25-MHz ADC clock, 12.5 MSPS
•
16-channel, MUXed inputs
•
Autosequencing capability provides up to 16 “autoconversions” in a single session. Each conversion can
be programmed to select any 1 of 16 input channels
•
Sequencer can be operated as two independent 8-state sequencers or as one large 16-state sequencer
(i.e., two cascaded 8-state sequencers)
•
Sixteen result registers (individually addressable) to store conversion values
−
The digital value of the input analog voltage is derived by:
when input
≤ 0 V
Digital Value
+ 0,
Digital Value
+ 4095
Input Analog Voltage
* ADCLO
3
Digital Value
+ 4096
Input Analog Voltage
* ADCLO
3
,
when 0 V
< input < 3 V
Digital Value
+ 4095,
when input
≥ 3 V
•
Multiple triggers as sources for the start-of-conversion (SOC) sequence
−
S/W − software immediate start
−
EVA − Event manager A (multiple event sources within EVA)
−
EVB − Event manager B (multiple event sources within EVB)
•
Flexible interrupt control allows interrupt request on every end-of-sequence (EOS) or every other EOS
•
Sequencer can operate in “start/stop” mode, allowing multiple “time-sequenced triggers” to synchronize
conversions
•
EVA and EVB triggers can operate independently in dual-sequencer mode
•
Sample-and-hold (S/H) acquisition time window has separate prescale control
The ADC module in R281x has been enhanced to provide flexible interface to event managers A and B. The
ADC interface is built around a fast, 12-bit ADC module with a fast conversion rate of 80 ns at 25-MHz ADC
clock. The ADC module has 16 channels, configurable as two independent 8-channel modules to service
event managers A and B. The two independent 8-channel modules can be cascaded to form a 16-channel
module. Although there are multiple input channels and two sequencers, there is only one converter in the
ADC module. Figure 4−4 shows the block diagram of the R281x ADC module.
The two 8-channel modules have the capability to autosequence a series of conversions, each module has
the choice of selecting any one of the respective eight channels available through an analog MUX. In the
cascaded mode, the autosequencer functions as a single 16-channel sequencer. On each sequencer, once
the conversion is complete, the selected channel value is stored in its respective RESULT register.
Autosequencing allows the system to convert the same channel multiple times, allowing the user to perform
oversampling algorithms. This gives increased resolution over traditional single-sampled conversion results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com