Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320R2811PBKA Datasheet(PDF) 48 Page - Texas Instruments

Part # TMS320R2811PBKA
Description  Digital Signal Processors
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320R2811PBKA Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320R2811PBKA Datasheet HTML 44Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 45Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 46Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 47Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 48Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 49Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 50Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 51Page - Texas Instruments TMS320R2811PBKA Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 162 page
background image
Functional Overview
49
June 2004 − Revised June 2006
SPRS257C
X2
X1/XCLKIN
On-Chip
Oscillator
(OSC)
PLL
Bypass
/2
XF_XPLLDIS
OSCCLK (PLL Disabled)
Latch
XPLLDIS
XRS
PLL
4-Bit PLL Select
SYSCLKOUT
1
0
CLKIN
CPU
4-Bit PLL Select
XCLKIN
PLL Block
Figure 3−8. OSC and PLL Block
The on-chip oscillator circuit enables a crystal to be attached to R281x devices using the X1/XCLKIN and X2
pins. If a crystal is not used, then an external oscillator can be directly connected to the X1/XCLKIN pin and
the X2 pin is left unconnected. The logic-high level in this case should not exceed VDD. The PLLCR bits [3:0]
set the clocking ratio.
Table 3−13. PLLCR Register Bit Definitions
BIT(S)
NAME
TYPE
XRS RESET†
DESCRIPTION
15:4
reserved
R = 0
0:0
3:0
DIV
R/W
0,0,0,0
SYSCLKOUT = (XCLKIN * n)/2, where n is the PLL multiplication factor.
Bit Value
n
SYSCLKOUT
0000
PLL Bypassed
XCLKIN/2
0001
1
XCLKIN/2
0010
2
XCLKIN
0011
3
XCLKIN * 1.5
0100
4
XCLKIN * 2
0101
5
XCLKIN * 2.5
0110
6
XCLKIN * 3
0111
7
XCLKIN * 3.5
1000
8
XCLKIN * 4
1001
9
XCLKIN * 4.5
1010
10
XCLKIN * 5
1011
11
Reserved
1100
12
Reserved
1101
13
Reserved
1110
14
Reserved
1111
15
Reserved
† The PLLCR register is reset to a known state by the XRS reset line. If a reset is issued by the debugger, the PLL clocking ratio is not changed.
3.7.2
Loss of Input Clock
In PLL enabled mode, if the input clock XCLKIN or the oscillator clock is removed or absent, the PLL will still
issue a “limp-mode” clock. The limp-mode clock will continue to clock the CPU and peripherals at a typical
frequency of 1−4 MHz. The PLLCR register should have been written to with a non-zero value for this feature
to work.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com