Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBK Datasheet(PDF) 44 Page - Texas Instruments

Part # TMS320F2811PBK
Description  TMS320F281x Digital Signal Processors
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F2811PBK Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320F2811PBK Datasheet HTML 40Page - Texas Instruments TMS320F2811PBK Datasheet HTML 41Page - Texas Instruments TMS320F2811PBK Datasheet HTML 42Page - Texas Instruments TMS320F2811PBK Datasheet HTML 43Page - Texas Instruments TMS320F2811PBK Datasheet HTML 44Page - Texas Instruments TMS320F2811PBK Datasheet HTML 45Page - Texas Instruments TMS320F2811PBK Datasheet HTML 46Page - Texas Instruments TMS320F2811PBK Datasheet HTML 47Page - Texas Instruments TMS320F2811PBK Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 174 page
background image
8.12.5.4.3 STANDBY Mode Timing Requirements
MIN
MAX
UNIT
tw(WAKE-INT)
Pulse duration, external wake-up
signal
Without input qualifier
12tc(CI)
cycles
With input qualifier
(2 + QUALSTDBY) * tc(CI) (1)
(1)
QUALSTDBY is a 6-bit field in the LPMCR0 register.
8.12.5.4.4 STANDBY Mode Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
td(IDLE-XCOH)
Delay time, IDLE instruction
executed to XCLKOUT high
32tc(SCO)
45tc(SCO)
cycles
td(WAKE-STBY)
Delay time, external wake signal to program execution
resume(1)
•
Wake-up from Flash
–
Flash module in active
state
Without input qualifier
12tc(CI)
cycles
With input qualifier
12tc(CI) + tw(WAKE-INT)
•
Wake-up from Flash
–
Flash module in sleep
state
Without input qualifier
1125tc(SCO)
cycles
With input qualifier
1125tc(SCO) + tw(WAKE-INT)
•
Wake-up from SARAM
Without input qualifier
12tc(CI)
cycles
With input qualifier
12tc(CI) + tw(WAKE-INT)
(1)
This is the time taken to begin execution of the instruction that immediately follows the IDLE instruction. Execution of an ISR (triggered
by the wake-up) signal involves additional latency.
TMS320F2810, TMS320F2810-Q1, TMS320F2811, TMS320F2811-Q1
TMS320F2812, TMS320F2812-Q1
SPRS174V – APRIL 2001 – REVISED FEBRUARY 2021
www.ti.com
44
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F2810 TMS320F2810-Q1 TMS320F2811 TMS320F2811-Q1 TMS320F2812
TMS320F2812-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com